Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF2702MX Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FPF2702MX
Description  Adjustable Over-Current Protection Load Switches
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2702MX Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FPF2702MX Datasheet HTML 4Page - Fairchild Semiconductor FPF2702MX Datasheet HTML 5Page - Fairchild Semiconductor FPF2702MX Datasheet HTML 6Page - Fairchild Semiconductor FPF2702MX Datasheet HTML 7Page - Fairchild Semiconductor FPF2702MX Datasheet HTML 8Page - Fairchild Semiconductor FPF2702MX Datasheet HTML 9Page - Fairchild Semiconductor FPF2702MX Datasheet HTML 10Page - Fairchild Semiconductor FPF2702MX Datasheet HTML 11Page - Fairchild Semiconductor FPF2702MX Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF2700 / FPF2701 / FPF2702 • Rev. 1.0.2
8
Typical Operation Characteristics of FPF2700 and FPF2701
When VOUT<2V, the current limit is set to 75% of ILIM.
Figure 23. Normal Startup to 0.5X ILIM
Figure 24. OUT Shorted to GND, Short Condition
Persists (SOA Protection Followed by Current-Limited
Operation)
Figure 25. OUT Overloaded with 1.5X ILIM
(Long-Duration Overload)
Figure 26. OUT Shorted to GND, Short Condition
Removed (SOA Protection Followed by
Normal Operation)
Figure 27. OUT Overloaded with 1.5X ILIM
(Transient Overload)


Similar Part No. - FPF2702MX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPF2702MX ONSEMI-FPF2702MX Datasheet
1Mb / 21P
   Adjustable Over-Current Protection Load Switches
December 2013 Rev. 1.0.3
More results

Similar Description - FPF2702MX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPF2700 ONSEMI-FPF2700 Datasheet
1Mb / 21P
   Adjustable Over-Current Protection Load Switches
December 2013 Rev. 1.0.3
FPF2595 ONSEMI-FPF2595 Datasheet
387Kb / 11P
   Over-Voltage, Over-Current Protection Load Switch
March 2016 Rev. 1.4
FPF2495C ONSEMI-FPF2495C Datasheet
521Kb / 10P
   IntelliMAX 28 V, Over-Voltage, Over-Current Protection Load Switch with Adjustable Current-Limit Control
November, 2021 ??Rev. 1
logo
Will Semiconductor Ltd.
WS3221C WILLSEMI-WS3221C Datasheet
540Kb / 8P
   Over-Voltage-Protection load switch with Adjustable OVLO threshold
WS3226C WILLSEMI-WS3226C Datasheet
1Mb / 8P
   Over-Voltage-Protection load switch with Adjustable OVLO threshold
WS3222D WILLSEMI-WS3222D Datasheet
1Mb / 9P
   Over-Voltage-Protection Load Switch with Adjustable OVLO threshold
logo
AIMTEC
AM6CW-FZ AIMTEC-AM6CW-FZ Datasheet
156Kb / 3P
   Over Load and Over Voltage protection
logo
Will Semiconductor Ltd.
WS3216D WILLSEMI-WS3216D Datasheet
1Mb / 7P
   Over-Voltage-Protection load switch controller with Adjustable OVLO threshold
logo
Shanghai awinic technol...
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
   Over-Voltage Protection Load Switch
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
   Over-Voltage Protection Load Switch
August-2017 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com