Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF1008 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FPF1008
Description  IntelliMAX??Advanced Load Products
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF1008 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FPF1008_12 Datasheet HTML 2Page - Fairchild Semiconductor FPF1008_12 Datasheet HTML 3Page - Fairchild Semiconductor FPF1008_12 Datasheet HTML 4Page - Fairchild Semiconductor FPF1008_12 Datasheet HTML 5Page - Fairchild Semiconductor FPF1008_12 Datasheet HTML 6Page - Fairchild Semiconductor FPF1008_12 Datasheet HTML 7Page - Fairchild Semiconductor FPF1008_12 Datasheet HTML 8Page - Fairchild Semiconductor FPF1008_12 Datasheet HTML 9Page - Fairchild Semiconductor FPF1008_12 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
© 2008 Fairchild Semiconductor Corporation
6
www.fairchildsemi.com
FPF1007-FPF1009 • Rev. 1.0.3
Typical Characteristics
0
2
4
6
8
10
12
14
123456
SUPPLY VOLTAGE (V)
VON = VIN
VON = 0V
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN = 1.2V
VIN = 3.3V
VIN = 5.5V
VON = 0V
0
2
4
6
8
10
12
14
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN = 1.2V
VIN = 3.3V
VIN = 5.5V
VON = VIN
0.50
0.55
0.60
0.65
0.70
0.75
0.80
1
2345
6
VIN, SUPPLY VOLTAGE (V)
VONH(VIH)
VONL(VIL)
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN = 1.2V
VIN = 3.3V
VIN = 5.5V
0.60
0.65
0.70
0.75
0.80
0.85
0.90
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN=1.2V
VIN=3.3V
VIN=5.5V
Figure 1. Quiescent Current vs. Input Voltage
Figure 2. Quiescent Current vs. Temperature
Figure 4. VON Voltage vs. Input Voltage
Figure 5. VON Low Voltage vs. Temperature
Figure 6. VON High Voltage vs. Temperature
Figure 3. Quiescent Current vs. Temperature


Similar Part No. - FPF1008_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1008 FAIRCHILD-FPF1008 Datasheet
1Mb / 11P
   IntelliMAX??Advanced Load Products
logo
ON Semiconductor
FPF1008 ONSEMI-FPF1008 Datasheet
1Mb / 11P
   Advanced Load Products
October-2017, Rev. 2
More results

Similar Description - FPF1008_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1007 FAIRCHILD-FPF1007 Datasheet
1Mb / 11P
   IntelliMAX??Advanced Load Products
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com