Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FJD5304D Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FJD5304D
Description  High Voltage Fast Switching Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJD5304D Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FJD5304D_10 Datasheet HTML 1Page - Fairchild Semiconductor FJD5304D_10 Datasheet HTML 2Page - Fairchild Semiconductor FJD5304D_10 Datasheet HTML 3Page - Fairchild Semiconductor FJD5304D_10 Datasheet HTML 4Page - Fairchild Semiconductor FJD5304D_10 Datasheet HTML 5Page - Fairchild Semiconductor FJD5304D_10 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FJD5304D Rev. A1
1
July 2010
FJD5304D
High Voltage Fast Switching Transistor
Features
• Built-in Free Wheeling Diode
• Wide Safe Operating Area
• Small Variance in Storage Time
• Suitable for Electronic Ballast Application
Absolute Maximum Ratings Ta = 25°C unless otherwise noted
* Pulse Test: PW = 300
µs, Duty Cycle = 2% Pulsed
Thermal Characteristics Ta = 25°C unless otherwise noted
** Device mounted on minimum pad size.
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
700
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
12
V
IC
Collector Current (DC)
4
A
ICP
* Collector Current (Pulse)
8
A
IB
Base Current (DC)
2
A
IBP
* Base Current (Pulse)
4
A
PC
Collector Dissipation
Tc = 25°C
Ta = 25°C
30
1.25
W
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 to 150
°C
Symbol
Parameter
Value
Units
Rθja
Thermal Resistance Junction-Ambient **
99
°C/W
C
B
E
Equivalent Circuit
1. Base 2. Collector 3. Emitter
D-PAK
1


Similar Part No. - FJD5304D_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJD5304DTF FAIRCHILD-FJD5304DTF Datasheet
176Kb / 6P
   High Voltage Fast Switching Transistor
FJD5304DTM FAIRCHILD-FJD5304DTM Datasheet
176Kb / 6P
   High Voltage Fast Switching Transistor
More results

Similar Description - FJD5304D_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJU5304D FAIRCHILD-FJU5304D Datasheet
152Kb / 6P
   High Voltage Fast Switching Transistor
FJD5304D FAIRCHILD-FJD5304D Datasheet
176Kb / 6P
   High Voltage Fast Switching Transistor
KSC5030F FAIRCHILD-KSC5030F_05 Datasheet
143Kb / 6P
   High Voltage Fast Switching Transistor
FJP5554 FAIRCHILD-FJP5554 Datasheet
172Kb / 6P
   High Voltage Fast Switching Transistor
logo
Comset Semiconductor
BUX48C COMSET-BUX48C Datasheet
78Kb / 3P
   HIGH VOLTAGE FAST-SWITCHING POWER TRANSISTOR
logo
Seme LAB
BUL98B SEME-LAB-BUL98B Datasheet
25Kb / 2P
   HIGH VOLTAGE FAST SWITCHING POWER TRANSISTOR
logo
Comset Semiconductor
BUX48A COMSET-BUX48A Datasheet
81Kb / 3P
   HIGH VOLTAGE FAST-SWITCHING POWER TRANSISTOR
logo
Fairchild Semiconductor
BU806 FAIRCHILD-BU806 Datasheet
41Kb / 4P
   High Voltage & Fast Switching Darlington Transistor
logo
STMicroelectronics
THD215HI STMICROELECTRONICS-THD215HI Datasheet
65Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2310DHI STMICROELECTRONICS-ST2310DHI Datasheet
247Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com