Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGPF4536 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FGPF4536
Description  360V, PDP IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGPF4536 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FGPF4536 Datasheet HTML 1Page - Fairchild Semiconductor FGPF4536 Datasheet HTML 2Page - Fairchild Semiconductor FGPF4536 Datasheet HTML 3Page - Fairchild Semiconductor FGPF4536 Datasheet HTML 4Page - Fairchild Semiconductor FGPF4536 Datasheet HTML 5Page - Fairchild Semiconductor FGPF4536 Datasheet HTML 6Page - Fairchild Semiconductor FGPF4536 Datasheet HTML 7Page - Fairchild Semiconductor FGPF4536 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
FGPF4536 Rev. A
Typical Performance Characteristics
Figure 13. Turn-on Characteristics vs.
Figure 14. Turn-off Characteristics vs.
Collector Current
Collector Current
Figure 15. Switching Loss vs. Gate Resistance
Figure 16. Switching Loss vs. Collector Current
Figure 17. Turn off Switching SOA Characteristics
10
20
30
40
50
1
10
100
Common Emitter
VGE = 15V, RG = 5
T
C = 25
o
C
T
C = 125
o
C
t
r
t
d(on)
Collector Current, IC [A]
10
20
30
40
50
10
100
400
Common Emitter
VGE = 15V, RG = 5
T
C = 25
o
C
T
C = 125
o
C
t
d(off)
t
f
Collector Current, IC [A]
10
20
30
40
50
1
10
100
1000
Common Emitter
V
GE = 15V, RG = 5
T
C = 25
o
C
T
C = 125
o
C
E
on
E
off
Collector Current, IC [A]
0
1020304050
10
100
1000
5000
Common Emitter
V
CC = 200V, VGE = 15V
I
C = 20A
T
C = 25
o
C
T
C = 125
o
C
E
on
E
off
Gate Resistance, RG []
1
10
100
500
0.1
1
10
100
500
Safe Operating Area
V
GE = 15V, TC = 125
o
C
Collector-Emitter Voltage, VCE [V]


Similar Part No. - FGPF4536

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGPF4536 FAIRCHILD-FGPF4536 Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
FGPF4536JDTU FAIRCHILD-FGPF4536JDTU Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
FGPF4536YDTU FAIRCHILD-FGPF4536YDTU Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

Similar Description - FGPF4536

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGD4536 FAIRCHILD-FGD4536 Datasheet
689Kb / 8P
   360V, PDP IGBT
FGPF4533 FAIRCHILD-FGPF4533 Datasheet
320Kb / 8P
   330V, PDP IGBT
logo
International Rectifier
IRG7S313UPBF IRF-IRG7S313UPBF Datasheet
250Kb / 8P
   PDP TRENCH IGBT
IRG6S330UPBF IRF-IRG6S330UPBF Datasheet
237Kb / 8P
   PDP TRENCH IGBT
IRG6I330UPBF IRF-IRG6I330UPBF Datasheet
312Kb / 7P
   PDP TRENCH IGBT
IRGB4065PBF IRF-IRGB4065PBF Datasheet
785Kb / 9P
   PDP TRENCH IGBT
logo
Fairchild Semiconductor
FGA120N30D FAIRCHILD-FGA120N30D Datasheet
746Kb / 9P
   300V PDP IGBT
logo
International Rectifier
IRGI4055PBF IRF-IRGI4055PBF Datasheet
251Kb / 7P
   PDP TRENCH IGBT
IRGP4086PBF IRF-IRGP4086PBF Datasheet
247Kb / 7P
   PDP TRENCH IGBT
IRGP4055DPBF IRF-IRGP4055DPBF Datasheet
263Kb / 7P
   PDP TRENCH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com