Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGH75T65UPD Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FGH75T65UPD
Description  650V, 75A Field Stop Trench IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH75T65UPD Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FGH75T65UPD Datasheet HTML 2Page - Fairchild Semiconductor FGH75T65UPD Datasheet HTML 3Page - Fairchild Semiconductor FGH75T65UPD Datasheet HTML 4Page - Fairchild Semiconductor FGH75T65UPD Datasheet HTML 5Page - Fairchild Semiconductor FGH75T65UPD Datasheet HTML 6Page - Fairchild Semiconductor FGH75T65UPD Datasheet HTML 7Page - Fairchild Semiconductor FGH75T65UPD Datasheet HTML 8Page - Fairchild Semiconductor FGH75T65UPD Datasheet HTML 9Page - Fairchild Semiconductor FGH75T65UPD Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.fairchildsemi.com
FGH75T65UPD Rev. C0
Typical Performance Characteristics
Figure 13. Turn-off Characteristics vs.
Figure 14. Turn-on Characteristics vs.
Gate Resistance
Collector Current
Figure 15. Turn-off Characteristics vs.
Figure 16. Switching Loss vs.
Collector Current
Gate Resistance
Figure 17. Switching Loss vs.
Figure 18. Turn off Switching
Collector Current
SOA Characteristics
0
10
20
30
40
50
10
100
1000
5000
Common Emitter
VCC = 400V, VGE = 15V
IC = 75A
TC = 25
o
C
TC = 175
o
C
t
d(off)
t
f
Gate Resistance, RG [
]
0
30
60
90
120
150
1
10
100
500
Common Emitter
VGE = 15V, RG = 3
T
C = 25
o
C
T
C = 175
o
C
t
r
t
d(on)
Collector Current, IC [A]
0
30
60
90
120
150
1
10
100
1000
Common Emitter
VGE = 15V, RG = 3
T
C = 25
o
C
T
C = 175
o
C
t
d(off)
t
f
Collector Current, IC [A]
0
10
20
30
40
50
1
10
100
Common Emitter
V
CC = 400V, VGE = 15V
I
C = 75A
T
C = 25
o
C
T
C = 175
o
C
E
off
E
on
Gate Resistance, RG [
]
0
30
60
90
120
150
0.1
1
10
50
Common Emitter
V
GE = 15V, RG = 3
T
C = 25
o
C
T
C = 175
o
C
E
on
E
off
Collector Current, IC [A]
0
100
200
300
400
500
600
700
0
50
100
150
200
250
Safe Operating Area
V
GE = 15V, TC < 175
o
C
Collector-Emitter Voltage, VCE [V]


Similar Part No. - FGH75T65UPD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGH75T65SHD ONSEMI-FGH75T65SHD Datasheet
1Mb / 9P
   IGBT - Field Stop, Trench 650 V, 75 A
November, 2020 ??Rev. 4
FGH75T65SHD-F155 ONSEMI-FGH75T65SHD-F155 Datasheet
1Mb / 9P
   IGBT - Field Stop, Trench 650 V, 75 A
November, 2020 ??Rev. 4
FGH75T65SHDT ONSEMI-FGH75T65SHDT Datasheet
2Mb / 9P
   IGBT - Field Stop, Trench 650 V, 75 A
Spetember, 2021 ??Rev. 4
FGH75T65SHDT-F155 ONSEMI-FGH75T65SHDT-F155 Datasheet
2Mb / 9P
   IGBT - Field Stop, Trench 650 V, 75 A
Spetember, 2021 ??Rev. 4
FGH75T65SHDTL4 ONSEMI-FGH75T65SHDTL4 Datasheet
575Kb / 9P
   IGBT - Field Stop, Trench 650 V, 75 A
December, 2019 - Rev. 2
More results

Similar Description - FGH75T65UPD

ManufacturerPart #DatasheetDescription
logo
Rohm
RGSX5TS65E ROHM-RGSX5TS65E Datasheet
5Mb / 13P
   650V 75A Field Stop Trench IGBT
RGWX5TS65D ROHM-RGWX5TS65D Datasheet
1Mb / 12P
   650V 75A Field Stop Trench IGBT
2019.12 - Rev.A
RGWX5TS65 ROHM-RGWX5TS65 Datasheet
977Kb / 10P
   650V 75A Field Stop Trench IGBT
2019.12 - Rev.A
RGSX5TS65DHR ROHM-RGSX5TS65DHR Datasheet
5Mb / 13P
   650V 75A Field Stop Trench IGBT
logo
Shenzhen Huazhimei Semi...
HMG75N65FT HMSEMI-HMG75N65FT Datasheet
1Mb / 7P
   650V /75A Trench Field Stop IGBT
logo
Rohm
RGT40TS65D ROHM-RGT40TS65D Datasheet
733Kb / 12P
   650V 20A Field Stop Trench IGBT
RGS00TS65D ROHM-RGS00TS65D Datasheet
976Kb / 13P
   650V 50A Field Stop Trench IGBT
RGTH60TS65 ROHM-RGTH60TS65 Datasheet
1Mb / 11P
   650V 30A Field Stop Trench IGBT
RGTV00TS65 ROHM-RGTV00TS65 Datasheet
1Mb / 11P
   650V 50A Field Stop Trench IGBT
RGT30NS65D ROHM-RGT30NS65D Datasheet
789Kb / 12P
   650V 15A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com