Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

997768-000 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 997768-000
Description  RAYCHEM Tubing Products
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

997768-000 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 997768-000 Datasheet HTML 4Page - Tyco Electronics 997768-000 Datasheet HTML 5Page - Tyco Electronics 997768-000 Datasheet HTML 6Page - Tyco Electronics 997768-000 Datasheet HTML 7Page - Tyco Electronics 997768-000 Datasheet HTML 8Page - Tyco Electronics 997768-000 Datasheet HTML 9Page - Tyco Electronics 997768-000 Datasheet HTML 10Page - Tyco Electronics 997768-000 Datasheet HTML 11Page - Tyco Electronics 997768-000 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
2-8
9-1773447-9
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
RAYCHEM Tubing Products
CV-1981 and CV-1983 (Continued)
Application
Part No.
PR-12 reflector
Tubing: 6.3–25.4 mm [0.25 in–1 in]
991973-000
PR-13 reflector
Tubing: Up to 6 mm [0.25 in]
991963-000
PR-13C reflector
Large SolderSleeve products
991974-000
PR-21 reflector
Tubing: Up to 25.4 mm [1 in]
991984-000
PR-24 reflector
Tubing/molded parts: 25.4–34.93 mm [1 in–1.38 in]
991964-000
PR-24A reflector
Tubing/molded parts: 34.93–60.33 mm [1.38 in–2.38 in]
991989-000
PR-25 reflector
SolderSleeve products: Up to 7 mm [0.28 in]
991965-000
PR-25D reflector
SolderSleeve products: 6.3–12.7 mm [0.25 in–0.50 in]
989523-000
PR-26 reflector
Small SolderSleeve products
991967-000
PR-33 reflector
SolderSleeve products: 19.05–25.4 mm [0.75 in–1 in]
997768-000
AD-1962 adapter for larger-barrel CV-1983
989172-000
PR-34 reflector
SolderSleeve products: 12.0–20.0 mm [0.47 in–0.79 in]
989111-000
PR-51
Special narrow reflector for molded part transitions
113069-000
[21.5 x 3.5 mm nozzle] [.85 in x .14 in]
Accessories
Ordering Information
Equipment
Description
Part No.
Voltage
Hz
CV-1981-120V1600W-CANMK2
A42716-000*
120V
50/60 Hz
CV-1981-120V1600W-UKMK2
E95798-000
120V
50/60 Hz
CV-1981-230V1600WMK2
813914-000
230V
50/60 Hz
CV-1981-230V1600W-SEVMK2
F25836-000
230V
50/60 Hz
CV-1981-230V1600-UKMK2
340970-000*
230V
50/60 Hz
CV-1983-110V-2260W-UK
441753-000
120V
50/60 Hz
CV-1983-220V-2260W
773898-000
230V
50/60 Hz
CV-1983-220V-2260W-UK
985426-000
230V
50/60 Hz
CV-1983-220V-3060W
538361-000
230V
50/60 Hz
CV-1983-220V-3060W-UK
231866-000
230V
50/60 Hz
CV-1981-120V-1600W-CANPIDF
839218-000
120V
50/60 Hz
CV-1981-120V-1600W-UKPID
928826-000
120V
50/60 Hz
CV-1981-230V-1600WPID
958770-000
230V
50/60 Hz
CV-1981-230V-1600W-SEVPIDF
434366-000
230V
50/60 Hz
CV-1981-230V-1600W-UKPIDF
385828-000
230V
50/60 Hz
AD-1962
989172-000
——
CV-1981-MK2
CV-1983
CV-1981-PID
CV-1983 Barrel Adapter
*Note: A42716 supersedes and replaces 538005
340970 supersedes and replaces 923002


Similar Part No. - 997768-000

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
997768-000 TEC-997768-000 Datasheet
3Mb / 40P
   Raychem Application Tooling
More results

Similar Description - 997768-000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TAT-125-1 MACOM-TAT-125-1 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
SST-48-07 MACOM-SST-48-07 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
A44820-000 MACOM-A44820-000 Datasheet
120Kb / 2P
   RAYCHEM Tubing Products
003667-000 MACOM-003667-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
M/A-COM Technology Solu...
5038104002 MA-COM-5038104002 Datasheet
114Kb / 2P
   RAYCHEM Tubing Products
logo
Tyco Electronics
D76139-000 MACOM-D76139-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
019083-000 MACOM-019083-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
TE Connectivity Ltd
2-1773452-8 TEC-2-1773452-8 Datasheet
2Mb / 8P
   APPLICATION TOOLING FOR RAYCHEM HEAT SHRINK PRODUCTS FROM TE CONNECTIVITY
logo
Tyco Electronics
013206-000 MACOM-013206-000 Datasheet
58Kb / 2P
   RAYCHEM
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
   Tubing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com