Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGB40N60SM Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FGB40N60SM
Description  600V, 40A Field Stop IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGB40N60SM Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FGB40N60SM Datasheet HTML 1Page - Fairchild Semiconductor FGB40N60SM Datasheet HTML 2Page - Fairchild Semiconductor FGB40N60SM Datasheet HTML 3Page - Fairchild Semiconductor FGB40N60SM Datasheet HTML 4Page - Fairchild Semiconductor FGB40N60SM Datasheet HTML 5Page - Fairchild Semiconductor FGB40N60SM Datasheet HTML 6Page - Fairchild Semiconductor FGB40N60SM Datasheet HTML 7Page - Fairchild Semiconductor FGB40N60SM Datasheet HTML 8Page - Fairchild Semiconductor FGB40N60SM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
FGB40N60SM Rev. A
Typical Performance Characteristics
Figure 7. Saturation Voltage vs. VGE
Figure 8. Saturation Voltage vs. VGE
Figure 9. Capacitance Characteristics
Figure 10. Gate charge Characteristics
Figure 11. SOA Characteristics
Figure 12. Turn-on Characteristics vs.
Gate Resistance
4
8
12
16
20
0
4
8
12
16
20
80A
IC = 20A
40A
Common Emitter
TC = 175
o
C
Gate-Emitter Voltage, VGE [V]
4
8
12
16
20
0
4
8
12
16
20
IC = 20A
40A
80A
Common Emitter
T
C = 25
o
C
Gate-Emitter Voltage, VGE [V]
0.1
1
10
0
1000
2000
3000
4000
Common Emitter
VGE = 0V, f = 1MHz
TC = 25
o
C
C
res
C
oes
C
ies
Collector-Emitter Voltage, VCE [V]
30
0
40
80
120
0
3
6
9
12
15
400V
Common Emitter
TC = 25
o
C
300V
V
CC = 200V
Gate Charge, Qg [nC]
0
10
20
30
40
50
1
10
100
Common Emitter
VCC = 400V, VGE = 15V
IC = 40A
TC = 25
o
C
TC = 175
o
C
t
d(on)
t
r
Gate Resistance, RG [
]
1
10
100
1000
0.01
0.1
1
10
100
300
1ms
10 ms
DC
*Notes:
1. TC = 25
o
C
2. TJ = 175
o
C
3. Single Pulse
10µ
µ
µ
µ
s
100µ
µ
µ
µ
s
Collector-Emitter Voltage, VCE [V]


Similar Part No. - FGB40N60SM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGB40N6S2 FAIRCHILD-FGB40N6S2 Datasheet
176Kb / 8P
   600V, SMPS II Series N-Channel IGBT
More results

Similar Description - FGB40N60SM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH40N60SF FAIRCHILD-FGH40N60SF Datasheet
683Kb / 8P
   600V, 40A Field Stop IGBT
FGH40N60UF FAIRCHILD-FGH40N60UF Datasheet
710Kb / 8P
   600V, 40A Field Stop IGBT
FGH40N60SMDF FAIRCHILD-FGH40N60SMDF Datasheet
357Kb / 10P
   600V, 40A Field Stop IGBT
FGH40N60SFD FAIRCHILD-FGH40N60SFD Datasheet
806Kb / 9P
   600V, 40A Field Stop IGBT
FGH40N60UFD FAIRCHILD-FGH40N60UFD Datasheet
793Kb / 9P
   600V, 40A Field Stop IGBT
FGI40N60SF FAIRCHILD-FGI40N60SF Datasheet
728Kb / 8P
   600V, 40A Field Stop IGBT
logo
Rohm
RGCL80TK60D ROHM-RGCL80TK60D Datasheet
909Kb / 13P
   600V 40A Field Stop Trench IGBT
RGCL80TK60 ROHM-RGCL80TK60 Datasheet
763Kb / 11P
   600V 40A Field Stop Trench IGBT
RGCL80TS60 ROHM-RGCL80TS60 Datasheet
755Kb / 11P
   600V 40A Field Stop Trench IGBT
RGCL80TS60D ROHM-RGCL80TS60D Datasheet
907Kb / 13P
   600V 40A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com