Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFH60UP60S3 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FFH60UP60S3
Description  60A, 600V Ultrafast Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFH60UP60S3 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FFH60UP60S3_11 Datasheet HTML 1Page - Fairchild Semiconductor FFH60UP60S3_11 Datasheet HTML 2Page - Fairchild Semiconductor FFH60UP60S3_11 Datasheet HTML 3Page - Fairchild Semiconductor FFH60UP60S3_11 Datasheet HTML 4Page - Fairchild Semiconductor FFH60UP60S3_11 Datasheet HTML 5Page - Fairchild Semiconductor FFH60UP60S3_11 Datasheet HTML 6Page - Fairchild Semiconductor FFH60UP60S3_11 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
tm
July 2011
©2011 Fairchild Semiconductor Corporation
FFH60UP60S, FFH60UP60S3 Rev. C
www.fairchildsemi.com
1
FFH60UP60S, FFH60UP60S3
Features
• High Speed Switching, trr < 80ns
• High Reverse Voltage and High Reliability
• Avalanche Energy Rated
• Low Forward Voltage, VF < 1.7V
• RoHS compliant
Applications
• General Purpose
• Switching Mode Power Supply
• Free-wheeling diode for motor application
• Power switching circuits
60A, 600V Ultrafast Rectifier
The FFH60UP60S and FFH60UP60S3 are ultrafast rectifiers
with low forward voltage drop. it is a silicon nitride passivated ion-
implanted epitaxial planar construction.
These devices are intended for use as freewheeling/clamping
rectifiers in a variety of switching power supplies and other power
swithching applications. Its low stored charge minimize ringing
and electrical noise in many power switching circuits reducing
power loss in the switching transistors.
Absolute Maximum Ratings T
C = 25
oC unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VRRM
Peak Repetitive Reverse Voltage
600
V
VRWM
Working Peak Reverse Voltage
600
V
VR
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
@ TC = 93
oC
60
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
600
A
TJ, TSTG
Operating and Storage Temperature Range
-65 to +150
oC
Symbol
Parameter
Ratings
Units
RθJC
Maximum Thermal Resistance, Junction to Case
0.7
oC/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FFH60UP60S
FFH60UP60S
TO247-2L
-
-
30
FFH60UP60S3
FFH60UP60S3
TO247-3L
-
-
30
Pin Assignments
1
3
2
1
3
2
1. Cathode 3. Anode
1.3 Anode 2. Cathode
Backside Metal
Connected to Cathode
TO247-3L
TO247-2L
Backside Metal
Connected to Cathode
1
3


Similar Part No. - FFH60UP60S3_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFH60UP60S3 FAIRCHILD-FFH60UP60S3 Datasheet
490Kb / 6P
   60A, 600V Ultrafast Rectifier
logo
ON Semiconductor
FFH60UP60S3 ONSEMI-FFH60UP60S3 Datasheet
856Kb / 9P
   60 A, 600 V Ultrafast Rectifier
September 2016 Rev. 1.6
logo
Thinki Semiconductor Co...
FFH60UP60S3 THINKISEMI-FFH60UP60S3 Datasheet
2Mb / 3P
   60Ampere,600Volt SwitchMode Type Single Fast Recovery Epitaxial Diode
More results

Similar Description - FFH60UP60S3_11

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SFN60W600W2 KODENSHI-SFN60W600W2 Datasheet
243Kb / 5P
   600V, 60A ULTRAFAST RECTIFIER
logo
Fairchild Semiconductor
FFH60UP60S3 FAIRCHILD-FFH60UP60S3 Datasheet
490Kb / 6P
   60A, 600V Ultrafast Rectifier
logo
KODENSHI_AUK CORP.
SFN60W600W KODENSHI-SFN60W600W Datasheet
260Kb / 5P
   600V, 60A ULTRAFAST DUAL RECTIFIERS
SFN60W600CI KODENSHI-SFN60W600CI Datasheet
183Kb / 5P
   600V, 60A ULTRAFAST DUAL RECTIFIERS
logo
Fairchild Semiconductor
RURP1560_F085 FAIRCHILD-RURP1560_F085 Datasheet
472Kb / 6P
   15A, 600V Ultrafast Rectifier
logo
Taiwan Semiconductor Co...
UF5JFC TSC-UF5JFC Datasheet
300Kb / 5P
   5A, 600V Ultrafast Rectifier
logo
KODENSHI_AUK CORP.
SFN30W600W2 KODENSHI-SFN30W600W2 Datasheet
241Kb / 5P
   600V, 30A ULTRAFAST RECTIFIER
logo
Fairchild Semiconductor
RURG8060_F085 FAIRCHILD-RURG8060_F085 Datasheet
546Kb / 6P
   80A, 600V Ultrafast Rectifier
RURG3060_F085 FAIRCHILD-RURG3060_F085 Datasheet
276Kb / 6P
   30A, 600V Ultrafast Rectifier
RURG3060CC_F085 FAIRCHILD-RURG3060CC_F085 Datasheet
256Kb / 6P
   30A, 600V Ultrafast Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com