Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDT86256 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDT86256
Description  N-Channel PowerTrench짰 MOSFET 150 V, 1.2 A, 845 m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDT86256 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDT86256 Datasheet HTML 1Page - Fairchild Semiconductor FDT86256 Datasheet HTML 2Page - Fairchild Semiconductor FDT86256 Datasheet HTML 3Page - Fairchild Semiconductor FDT86256 Datasheet HTML 4Page - Fairchild Semiconductor FDT86256 Datasheet HTML 5Page - Fairchild Semiconductor FDT86256 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
©2011 Fairchild Semiconductor Corporation
5
www.fairchildsemi.com
FDT86256 Rev. C
Figure 13. Junction-to-Ambient Transient Thermal Response Curve
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.01
0.1
1
2
SINGLE PULSE
RθJA = 118
o
C/W
DUTY CYCLE-DESCENDING ORDER
t RECTANGULAR PULSE DURATION (sec)
D = 0.5
0.2
0.1
0.05
0.02
0.01
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
Typical Characteristics T
J = 25 °C unless otherwise noted


Similar Part No. - FDT86256

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDT86244 FAIRCHILD-FDT86244 Datasheet
239Kb / 6P
   N-Channel Power Trench MOSFET
logo
Guangdong Kexin Industr...
FDT86244 KEXIN-FDT86244 Datasheet
2Mb / 5P
   N-Channel Enhancement MOSFET
logo
Skyworks Solutions Inc.
FDT86244 SKYWORKS-FDT86244 Datasheet
653Kb / 47P
   PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
FDT86244 SKYWORKS-FDT86244 Datasheet
1Mb / 59P
   SINGLE-CHIP DUAL PROSLIC®
Rev. 1.4 October 7, 2021
logo
Fairchild Semiconductor
FDT86246 FAIRCHILD-FDT86246 Datasheet
232Kb / 6P
   N-Channel Power Trench짰 MOSFET 150 V, 2 A, 236 m廓
More results

Similar Description - FDT86256

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS86240 FAIRCHILD-FDS86240 Datasheet
244Kb / 6P
   N-Channel PowerTrench짰 MOSFET 150 V, 7.5 A, 19.8 m廓
FDMS86250 FAIRCHILD-FDMS86250 Datasheet
272Kb / 7P
   N-Channel PowerTrench짰 MOSFET 150 V, 20 A, 25 m廓
FDB110N15A FAIRCHILD-FDB110N15A Datasheet
242Kb / 9P
   N-Channel PowerTrench짰 MOSFET 150 V, 92 A, 11 m廓
FDC8602 FAIRCHILD-FDC8602 Datasheet
257Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 100 V, 1.2 A, 350 m廓
FDG1024NZ FAIRCHILD-FDG1024NZ Datasheet
298Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 20 V, 1.2 A, 175 m廓
FDD86250 FAIRCHILD-FDD86250 Datasheet
315Kb / 6P
   FDD86250 N-Channel Shielded Gate PowerTrench짰 MOSFET 150 V, 50 A, 22 m廓
FDD86252 FAIRCHILD-FDD86252 Datasheet
178Kb / 6P
   N-Channel PowerTrench짰 MOSFET 150 V, 27 A, 52 m
FDT1600N10ALZ FAIRCHILD-FDT1600N10ALZ Datasheet
291Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100 V, 5.6 A, 160 m廓
FDD86102LZ FAIRCHILD-FDD86102LZ_12 Datasheet
372Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
FDD86110 FAIRCHILD-FDD86110 Datasheet
257Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 50 A, 10.2 m廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com