Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FB27D6B0335ML Datasheet(PDF) 2 Page - AVX Corporation

Part # FB27D6B0335ML
Description  Medium Power Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FB27D6B0335ML Datasheet(HTML) 2 Page - AVX Corporation

  FB27D6B0335ML Datasheet HTML 1Page - AVX Corporation FB27D6B0335ML Datasheet HTML 2Page - AVX Corporation FB27D6B0335ML Datasheet HTML 3Page - AVX Corporation FB27D6B0335ML Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
2
Medium Power Film Capacitors
FB (RoHS Compliant)
DIMENSIONS: millimeters (inches)
Case Size
W
H
T
P
d
A
32.0 (1.260)
20.0 (0.787)
11.0 (0.433)
27.5 (1.083)
0.80 (0.031)
B
32.0 (1.260)
22.0 (0.866)
13.0 (0.512)
27.5 (1.083)
1.00 (0.039)
C
32.0 (1.260)
24.5 (0.965)
15.0 (0.591)
27.5 (1.083)
1.00 (0.039)
D
32.0 (1.260)
25.0 (0.984)
16.0 (0.630)
27.5 (1.083)
1.20 (0.047)
E
32.0 (1.260)
28.0 (1.102)
14.0 (0.551)
27.5 (1.083)
1.20 (0.047)
F
32.0 (1.260)
33.0 (1.299)
18.0 (0.709)
27.5 (1.083)
1.20 (0.047)
G
32.0 (1.260)
37.0 (1.457)
22.0 (0.866)
27.5 (1.083)
1.20 (0.047)
H
42.5 (1.673)
33.5 (1.319)
22.0 (0.866)
37.5 (1.476)
1.20 (0.047)
J
42.5 (1.673)
37.0 (1.457)
28.0 (1.102)
37.5 (1.476)
1.20 (0.047)
K
42.5 (1.673)
40.0 (1.575)
20.0 (0.787)
37.5 (1.476)
1.20 (0.047)
L
42.5 (1.673)
44.0 (1.732)
24.0 (0.945)
37.5 (1.476)
1.20 (0.047)
M
42.5 (1.673)
45.0 (1.771)
30.0 (1.181)
37.5 (1.476)
1.20 (0.047)
N
57.5 (2.264)
45.0 (1.771)
30.0 (1.181)
52.5 (2.067)
1.20 (0.047)
P
57.5 (2.264)
50.0 (1.969)
35.0 (1.378)
52.5 (2.067)
1.20 (0.047)
HOW TO ORDER
FB
Series
FB
27
Pitch
27 = 27.5 (1.083)
37 = 37.5 (1.476)
52 = 52.5 (2.067)
A
Case
6
Dielectric
6 = Polypropylene
K
Voltage
J = 550V
A = 700V
B = 800V
C = 900V
K = 1000V
L = 1100V
P = 1200V
K
Tolerance
J = ±5%
K = ±10%
M = ±20%
C
Lead Length
C = 5.00 (0.197)
L = 15 (0.591)
0335
Cap
μF Code
Climatic category
40/100/56 (IEC 60068)
Test voltage between terminals @ 25°C
1.5 x Vndc
Capacitance range Cn
0.68μF to 75μF
Tolerance on Cn
±5%, ±10%, ±20%
Rated DC voltage Vndc
550 to 1200 V
Dielectric
Polypropylene
Insulation Resistance:
>3,000 MΩ.uF/C after 1 minute electrification @ 100 Vdc & 25ºC
Lifetime ( C/C ≤ 5%):
100,000hrs @ Ur & 70ºC
ELECTRICAL CHARACTERISTICS – POLYPROPYLENE DIELECTRIC
POLYPROPYLENE DIELECTRIC FOR INDUSTRIAL DC FILTERING
These capacitors have been designed primarily for high and medium power DC filtering applications.
W
T
P ± 1.0 (0.039)
H
d
5 (0.197) ± 1.0 (0.039)
T
15 (0.591) min
millimeters (inches)
A
B
C
D
E
F
G
H
J
K
L
M
N
P


Similar Part No. - FB27D6B0335ML

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FB27G6A0685JA AVX-FB27G6A0685JA Datasheet
179Kb / 4P
   Medium Power Film Capacitors
FB27G6A0685JB AVX-FB27G6A0685JB Datasheet
179Kb / 4P
   Medium Power Film Capacitors
FB27G6A0685KA AVX-FB27G6A0685KA Datasheet
179Kb / 4P
   Medium Power Film Capacitors
FB27G6A0685KB AVX-FB27G6A0685KB Datasheet
179Kb / 4P
   Medium Power Film Capacitors
FB27G6A0685MA AVX-FB27G6A0685MA Datasheet
179Kb / 4P
   Medium Power Film Capacitors
More results

Similar Description - FB27D6B0335ML

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com