Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR108 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # XTR108
Description  4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR108 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  XTR108 Datasheet HTML 1Page - Burr-Brown (TI) XTR108 Datasheet HTML 2Page - Burr-Brown (TI) XTR108 Datasheet HTML 3Page - Burr-Brown (TI) XTR108 Datasheet HTML 4Page - Burr-Brown (TI) XTR108 Datasheet HTML 5Page - Burr-Brown (TI) XTR108 Datasheet HTML 6Page - Burr-Brown (TI) XTR108 Datasheet HTML 7Page - Burr-Brown (TI) XTR108 Datasheet HTML 8Page - Burr-Brown (TI) XTR108 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
XTR108
SBOS187C – OCTOBER 2001 – REVISED JULY 2005
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001-2005, Texas Instruments Incorporated
SPI is a trademark of Motorola, Inc. All other trademarks are the property of their respective owners.
4-20mA, TWO-WIRE TRANSMITTER
“Smart” Programmable with Signal Conditioning
FEATURES
q COMPLETE TRANSMITTER + RTD
LINEARIZATION
q TWO-WIRE, 4-20mA OUTPUT
q VOLTAGE OUTPUT (0.5V to 4.5V)
q ELIMINATES POTENTIOMETERS AND
TRIMMING
q DIGITALLY CALIBRATED
q 5V SUB-REGULATOR OUTPUT
q SERIAL SPIBUS INTERFACE
q SSOP-24 PACKAGE
APPLICATIONS
q REMOTE RTD TRANSMITTERS
q PRESSURE BRIDGE TRANSMITTERS
q STRAIN GAGE TRANSMITTERS
q SCADA REMOTE DATA ACQUISITION
q WEIGHING SYSTEMS
q INDUSTRIAL PROCESS CONTROL
DESCRIPTION
The XTR108 is a “smart,” programmable, 4-20mA, two-wire
transmitter designed for temperature and bridge sensors.
Zero, span, and linearization errors in the analog signal
path can be calibrated via a standard digital serial interface,
eliminating manual trimming. Non-volatile external EEPROM
stores calibration settings.
The all-analog signal path contains an input multiplexer,
autozeroed programmable-gain instrumentation amplifier, dual
programmable current sources, linearization circuit, voltage
reference, sub-regulator, internal oscillator, control logic, and
an output current amplifier. Programmable level shifting
compensates
for
sensor
DC
offsets.
Selectable
up- and down-scale output indicates out-of-range and burn-
out per NAMUR NE43. Automatic reset is initiated when
supply is lost.
Current sources, steered through the multiplexer, can be
used to directly excite RTD temperature sensors, pressure
bridges, or other transducers. An uncommitted op amp can
be used to convert current into a voltage. The XTR108 is
specified for –40
°C to +85°C.
XTR1
08
SPI and
Control Circuits
4-20mA
EEPROM
Linearization
Excitation
IO
I
Ret
V/I-0
V/I-1
V/I-2
V/I-3
V/I-4
V/I-5
RTD
R1
R2
R3
R4
R5
PGA
V/I
V
PS
RLOAD
XTR108
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - XTR108

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR108 BURR-BROWN-XTR108 Datasheet
497Kb / 27P
   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
logo
Texas Instruments
XTR108 TI-XTR108 Datasheet
868Kb / 33P
[Old version datasheet]   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
XTR108-DIE TI1-XTR108-DIE Datasheet
122Kb / 5P
[Old version datasheet]   TWO-WIRE TRANSMITTER
logo
Burr-Brown (TI)
XTR108EA BURR-BROWN-XTR108EA Datasheet
497Kb / 27P
   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
logo
Texas Instruments
XTR108EA TI-XTR108EA Datasheet
868Kb / 33P
[Old version datasheet]   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
More results

Similar Description - XTR108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR108 TI-XTR108_15 Datasheet
868Kb / 33P
[Old version datasheet]   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
logo
Burr-Brown (TI)
XTR108 BURR-BROWN-XTR108 Datasheet
497Kb / 27P
   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
IXR100 BURR-BROWN-IXR100 Datasheet
110Kb / 14P
   Isolated, Self-Powered, Temperature Sensor Conditioning 4-20mA TWO-WIRE TRANSMITTER
logo
Texas Instruments
XTR101 TI1-XTR101_15 Datasheet
796Kb / 26P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
Burr-Brown (TI)
XTR101 BURR-BROWN-XTR101 Datasheet
195Kb / 15P
   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
Texas Instruments
XTR101 TI-XTR101 Datasheet
736Kb / 25P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
Maxim Integrated Produc...
MAX1459 MAXIM-MAX1459 Datasheet
243Kb / 24P
   2-Wire, 4-20mA Smart Signal Conditioner
Rev 0; 1/00
logo
National Semiconductor ...
LH0045 NSC-LH0045 Datasheet
456Kb / 12P
   TWO WIRE TRANSMITTER
logo
Texas Instruments
XTR108-DIE TI1-XTR108-DIE Datasheet
122Kb / 5P
[Old version datasheet]   TWO-WIRE TRANSMITTER
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com