Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS6930B Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDS6930B
Description  Dual N-Channel Logic Level PowerTrench짰 MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6930B Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS6930B_10 Datasheet HTML 1Page - Fairchild Semiconductor FDS6930B_10 Datasheet HTML 2Page - Fairchild Semiconductor FDS6930B_10 Datasheet HTML 3Page - Fairchild Semiconductor FDS6930B_10 Datasheet HTML 4Page - Fairchild Semiconductor FDS6930B_10 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2010 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
March 2010
FDS6930B Rev. A1
FDS6930B
Dual N-Channel Logic Level PowerTrench® MOSFET
Features
■ 5.5 A, 30 V. RDS(ON) = 38 mΩ @ VGS = 10 V
RDS(ON) = 50 mΩ @ VGS = 4.5 V
■ Fast switching speed
■ Low gate charge
■ High performance trench technology for extremely
low RDS(ON)
■ High power and current handling capability
General Description
These N-Channel Logic Level MOSFETs are produced using
Fairchild Semiconductor’s advanced PowerTrench process that
has been especially tailored to minimize the on-state resistance
and yet maintain superior switching performance.
These devices are well suited for low voltage and battery pow-
ered applications where low in-line power loss and fast switch-
ing are required.
Absolute Maximum Ratings TA = 25°C unless otherwise noted
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
± 20
V
ID
Drain Current
– Continuous
(Note 1a)
5.5
A
– Pulsed
20
PD
Power Dissipation for Dual Operation
(Note 1)
2
W
Power Dissipation for Single Operation
(Note 1a)
1.6
(Note 1b)
1
(Note 1c)
0.9
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to 150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
40
°C/W
Device Marking
Device
Reel Size
Tape width
Quantity
FDS6930B
FDS6930B
13"
12mm
2500 units
D1
D1
D2
D2
S1
G1
S2
G2
Pin 1
SO-8
4
5
3
6
2
7
1
8


Similar Part No. - FDS6930B_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6930B FAIRCHILD-FDS6930B Datasheet
532Kb / 5P
   Dual N-Channel Logic Level PowerTrench MOSFET
More results

Similar Description - FDS6930B_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8949 FAIRCHILD-FDS8949_10 Datasheet
544Kb / 6P
   Dual N-Channel Logic Level PowerTrench짰 MOSFET
logo
ON Semiconductor
FDMS9408L-F085 ONSEMI-FDMS9408L-F085 Datasheet
566Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDC5661N_F085 FAIRCHILD-FDC5661N_F085 Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD9407L-F085 ONSEMI-FDD9407L-F085 Datasheet
545Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
FDMS9411L-F085 ONSEMI-FDMS9411L-F085 Datasheet
466Kb / 6P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDB8860 FAIRCHILD-FDB8860_08 Datasheet
343Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDB8832_F085 FAIRCHILD-FDB8832_F085 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDB8860_F085 FAIRCHILD-FDB8860_F085 Datasheet
158Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDD24AN06L_F085 FAIRCHILD-FDD24AN06L_F085 Datasheet
861Kb / 8P
   N-Channel Logic Level PowerTrench짰 MOSFET
logo
ON Semiconductor
FDB9403L-F085 ONSEMI-FDB9403L-F085 Datasheet
537Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com