Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17497BATE+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17497BATE+
Description  AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17497BATE+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17497BATE+ Datasheet HTML 1Page - Maxim Integrated Products MAX17497BATE+ Datasheet HTML 2Page - Maxim Integrated Products MAX17497BATE+ Datasheet HTML 3Page - Maxim Integrated Products MAX17497BATE+ Datasheet HTML 4Page - Maxim Integrated Products MAX17497BATE+ Datasheet HTML 5Page - Maxim Integrated Products MAX17497BATE+ Datasheet HTML 6Page - Maxim Integrated Products MAX17497BATE+ Datasheet HTML 7Page - Maxim Integrated Products MAX17497BATE+ Datasheet HTML 8Page - Maxim Integrated Products MAX17497BATE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
AC-DC and DC-DC Peak-Current-Mode Converters
with Integrated Step-Down Regulator
MAX17497A/MAX17497B
 Maxim Integrated Products 4
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +15V, VEN/UVLO = +2V, COMPF = open, CIN = 1FF, CVCC = 1FF, TA = TJ = -40NC to +125NC, unless otherwise noted. Typical
values are at TA = +25NC.) (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Flyback/Boost Overcurrent
Hiccup Timeout
32
ms
Minimum On-Time
110
ns
SCOMPF Pullup Current
9
10
11
F
A
Slope-Compensation Resistor
Range
MAX17497B
30
200
kI
Default Slope-Compensation
Ramp
SCOMPF = open
100
mV/Fs
STEP-DOWN REGULATOR
INB Voltage Range
7
16
V
INB Quiescent Supply Current
VINB = 16V, VOUTB > 3.3V
200
300
F
A
INB UVLO Threshold
Rising
6.2
6.5
6.7
V
Falling
5.9
6.2
6.4
High-Side RDSON
ILXB =200mA
425
800
mI
Low-Side RDSON
ILXB =200mA
225
425
mI
Switching Frequency
0.94
1
1.06
MHz
LXB Leakage Current
VLXB = VINB - 1V, VLXB = VPGNDB + 1V,
TA = +25NC
0.1
1
F
A
LXB Dead Time
(Note 4)
5
ns
VOUTB Output-Voltage Accuracy
7V < VINB <16V, 50mA < IOUT < 600mA
3.245
3.3
3.355
V
VOUTB Input Bias Current
VOUTB = 3.3V
7
10
F
A
Peak Current-Limit Fault
Threshold
VOUTB = 3.1V
0.9
1.1
1.23
A
Runaway Current-Limit Threshold
VOUTB < 100mV
1.05
1.25
1.45
A
Soft-Start Duration Count
VINB > 7V
2048
Cycles
Number of Peak Current-Limit
Hits Before Hiccup Timeout
8
Hits
Number of Runaway Current-Limit
Hits Before Hiccup Timeout
1
Hits
Overcurrent Hiccup Timeout
32,768
Cycles
Minimum On-Time
100
ns
RESETN
RESETN Output Leakage Current
(Off-State)
VRESETN = 5V, TA = +25NC
-1
+1
F
A
RESETN Output Voltage
(On-State)
IRESETN = 10mA
0
0.4
V
RESETN Higher Thresholds
EAFN rising
93.5
95
96.5
%
OUTB rising
93.5
95
96.5


Similar Part No. - MAX17497BATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17497B MAXIM-MAX17497B Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 0; 11/11
More results

Similar Description - MAX17497BATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17497A MAXIM-MAX17497A Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 0; 11/11
MAX17497A MAXIM-MAX17497A_13 Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak Current-Mode Converters with Integrated Step-Down Regulator
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A Datasheet
2Mb / 28P
   AC-DC and DC-DC Peak-Current-Mode Converters for Flyback/Boost Applications
Rev 1; 3/12
MAX17498A MAXIM-MAX17498A_13 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
Rev 3; 4/13
MAX17498AATE MAXIM-MAX17498AATE Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applicatio
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A_V01 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
2020
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
ST750A STMICROELECTRONICS-ST750A_07 Datasheet
266Kb / 14P
   Adjustable step-down, current-mode PWM DC-DC converters
ST730A STMICROELECTRONICS-ST730A Datasheet
260Kb / 9P
   5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
January 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com