Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17497BATE+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX17497BATE+
Description  AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17497BATE+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX17497BATE+ Datasheet HTML 5Page - Maxim Integrated Products MAX17497BATE+ Datasheet HTML 6Page - Maxim Integrated Products MAX17497BATE+ Datasheet HTML 7Page - Maxim Integrated Products MAX17497BATE+ Datasheet HTML 8Page - Maxim Integrated Products MAX17497BATE+ Datasheet HTML 9Page - Maxim Integrated Products MAX17497BATE+ Datasheet HTML 10Page - Maxim Integrated Products MAX17497BATE+ Datasheet HTML 11Page - Maxim Integrated Products MAX17497BATE+ Datasheet HTML 12Page - Maxim Integrated Products MAX17497BATE+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
 Maxim Integrated Products 9
AC-DC and DC-DC Peak-Current-Mode Converters
with Integrated Step-Down Regulator
MAX17497A/MAX17497B
Typical Operating Characteristics (continued)
(VIN = +15V, VEN/UVLO = +2V, COMPF = open, CIN = 1FF, CVCC = 1FF, TA = TJ = -40NC to +125NC, unless otherwise noted. Typical
values are at TA = +25NC.)
LXB AND INDUCTOR WAVEFORM
MAX17497A/B toc22
400ns/div
ILXB
0.5A/div
VLXB
5V/div
LOAD STEP ON BUCK REGULATOR
MAX17497A/B toc24
1ms/div
VOUTB
50mV/div
ILOAD
0.2A/div
EFFICIENCY GRAPH vs. LOAD CURRENT
(FLYBACK REGULATOR)
LOAD CURRENT (A)
0
10
20
30
40
50
60
70
80
90
100
00.2
0.40.6
0.81.0
1.21.4
VDC = 310V
VOUTB vs. LOAD CURRENT
LOAD CURRENT, IOUTB (A)
3.310
3.315
3.320
3.325
3.33
00.1
0.20.3
0.40.5
0.6
BODE PLOT (BUCK REGULATOR)
MAX17497A/B toc25
0dBm
67 8912 34 56 7891
23 4
GAIN
10dB/div
PHASE
36°/div
BW = 110kHz
PM = 57°
EFFICIENCY vs. LOAD CURRENT
(BUCK REGULATOR)
LOAD CURRENT (A)
0.5
0.4
0.3
0.2
0.1
10
20
30
40
50
60
70
80
90
100
0
0
0.6
MAX17497A/B toc27
VINB = 15V


Similar Part No. - MAX17497BATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17497B MAXIM-MAX17497B Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 0; 11/11
More results

Similar Description - MAX17497BATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17497A MAXIM-MAX17497A Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 0; 11/11
MAX17497A MAXIM-MAX17497A_13 Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak Current-Mode Converters with Integrated Step-Down Regulator
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A Datasheet
2Mb / 28P
   AC-DC and DC-DC Peak-Current-Mode Converters for Flyback/Boost Applications
Rev 1; 3/12
MAX17498A MAXIM-MAX17498A_13 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
Rev 3; 4/13
MAX17498AATE MAXIM-MAX17498AATE Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applicatio
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A_V01 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
2020
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
ST750A STMICROELECTRONICS-ST750A_07 Datasheet
266Kb / 14P
   Adjustable step-down, current-mode PWM DC-DC converters
ST730A STMICROELECTRONICS-ST730A Datasheet
260Kb / 9P
   5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
January 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com