Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDQ7236AS Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDQ7236AS
Description  Dual Notebook Power Supply N-Channel PowerTrench짰 in SO-14 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDQ7236AS Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDQ7236AS Datasheet HTML 1Page - Fairchild Semiconductor FDQ7236AS Datasheet HTML 2Page - Fairchild Semiconductor FDQ7236AS Datasheet HTML 3Page - Fairchild Semiconductor FDQ7236AS Datasheet HTML 4Page - Fairchild Semiconductor FDQ7236AS Datasheet HTML 5Page - Fairchild Semiconductor FDQ7236AS Datasheet HTML 6Page - Fairchild Semiconductor FDQ7236AS Datasheet HTML 7Page - Fairchild Semiconductor FDQ7236AS Datasheet HTML 8Page - Fairchild Semiconductor FDQ7236AS Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
FDQ7236AS Rev C
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Type
Min
Typ
Max Units
Off Characteristics
BVDSS
Drain-Source Breakdown
Voltage
VGS = 0 V,
ID = 1 mA
VGS = 0 V,
ID = 250 µA
Q2
Q1
30
30
V
∆BVDSS
∆T
J
Breakdown Voltage
Temperature Coefficient
ID = 10 mA, Referenced to 25°C
ID = 250 µA, Referenced to 25°C
Q2
Q1
25
24
mV/
°C
VDS = 24 V,
VGS = 0 V
Q2
Q1
500
1
µA
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V, VGS = 0 V,
TJ = 125°C
Q2
Q1
5.6
40
mA
µA
IGSS
Gate-Body Leakage
VGS = ±20 V,
VDS = 0 V
ALL
±100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 1 mA
VDS = VGS,
ID = 250 µA
Q2
Q1
1
1
1.8
1.7
3
3
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 10 mA, Referenced to 25°C
ID = 250 µA, Referenced to 25°C
Q2
Q1
−3
−4
mV/
°C
VGS = 10 V,
ID = 14 A
VGS = 4.5 V,
ID = 13 A
VGS = 10 V, ID = 14A, TJ = 125°C
Q2
7.2
8.7
10
8.7
10.5
12.5
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V,
ID = 11 A
VGS = 4.5 V,
ID = 10 A
VGS = 10 V, ID = 11, TJ = 125°C
Q1
11
13
15
13.2
16
19
m
ID(on)
On–State Drain Current
VGS = 10 V,
VDS = 5 V
VGS = 10 V,
VDS = 5 V
Q2
Q1
50
50
A
gFS
Forward Transconductance
VDS = 10 V,
ID = 14 A
VDS = 10 V,
ID = 11 A
Q2
Q1
58
43
S
Dynamic Characteristics
Ciss
Input Capacitance
Q2
Q1
1530
920
pF
Coss
Output Capacitance
Q2
Q1
440
190
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V,
VGS = 0 V,
f = 1.0 MHz
Q2
Q1
160
120
pF
Rg
Gate Resistance
VGS = 15mV, f = 1.0 MHz
Q2
Q1
1.9
1.9


Similar Part No. - FDQ7236AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDQ7238AS FAIRCHILD-FDQ7238AS Datasheet
184Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package
FDQ7238AS FAIRCHILD-FDQ7238AS Datasheet
419Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package
FDQ7238AS FAIRCHILD-FDQ7238AS_08 Datasheet
419Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package
FDQ7238AS_NF40 FAIRCHILD-FDQ7238AS_NF40 Datasheet
184Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package
FDQ7238AS_NL FAIRCHILD-FDQ7238AS_NL Datasheet
184Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package
More results

Similar Description - FDQ7236AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDQ7244S FAIRCHILD-FDQ7244S Datasheet
301Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package
FDQ7238AS FAIRCHILD-FDQ7238AS Datasheet
184Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package
FDQ7238S FAIRCHILD-FDQ7238S Datasheet
244Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package
FDQ7238AS FAIRCHILD-FDQ7238AS_08 Datasheet
419Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package
logo
ON Semiconductor
FDS6982AS ONSEMI-FDS6982AS Datasheet
611Kb / 11P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
October-2017, Rev. 2
logo
Fairchild Semiconductor
FDS6982AS FAIRCHILD-FDS6982AS_08 Datasheet
440Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
FDS6982 FAIRCHILD-FDS6982 Datasheet
238Kb / 12P
   Dual N-Channel, Notebook Power Supply MOSFET
FDQ7698S FAIRCHILD-FDQ7698S Datasheet
299Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench
FDS6994S FAIRCHILD-FDS6994S Datasheet
299Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6984AS FAIRCHILD-FDS6984AS Datasheet
150Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com