Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FDQ7236AS Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FDQ7236AS
Description  Dual Notebook Power Supply N-Channel PowerTrench짰 in SO-14 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDQ7236AS Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDQ7236AS Datasheet HTML 1Page - Fairchild Semiconductor FDQ7236AS Datasheet HTML 2Page - Fairchild Semiconductor FDQ7236AS Datasheet HTML 3Page - Fairchild Semiconductor FDQ7236AS Datasheet HTML 4Page - Fairchild Semiconductor FDQ7236AS Datasheet HTML 5Page - Fairchild Semiconductor FDQ7236AS Datasheet HTML 6Page - Fairchild Semiconductor FDQ7236AS Datasheet HTML 7Page - Fairchild Semiconductor FDQ7236AS Datasheet HTML 8Page - Fairchild Semiconductor FDQ7236AS Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2011 Fairchild Semiconductor Corporation
FDQ7236AS Rev C
FDQ7236AS
Dual Notebook Power Supply N-Channel PowerTrench
®
in SO-14 Package
General Description
The FDQ7236AS is designed to replace two single SO-
8 MOSFETs in DC to DC power supplies. The high-side
switch (Q1) is designed with specific emphasis on
reducing switching losses while the low-side switch
(Q2) is optimized to reduce conduction losses using
Fairchild’s SyncFET
TM technology. The FDQ7236AS
includes
a
patented
combination
of
a
MOSFET
monolithically integrated with a Schottky diode.
Features
Q2: 14 A, 30V.
R
DS(on) = 8.7 mΩ @ VGS = 10V
R
DS(on) = 10.5 mΩ @ VGS = 4.5V
Q1: 11 A, 30V.
R
DS(on) = 13.2 mΩ @ VGS = 10V
R
DS(on) = 16 mΩ @ VGS = 4.5V
SO-14
G1
G2
Vin
S2
S2
S2
Absolute Maximum Ratings T
A
= 25°C unless otherwise noted
Symbol
Parameter
Q2
Q1
Units
VDSS
Drain-Source Voltage
30
30
V
VGSS
Gate-Source Voltage
±20
±20
V
14
11
ID
Drain Current
- Continuous
(Note 1a)
- Pulsed
50
50
A
2.4
1.8
PD
Power Dissipation for Single Operation
(Note 1a & 1b)
(Note 1c & 1d)
1.3
1.1
W
TJ, TSTG
Operating and Storage Junction Temperature Range
−55 to +150
°C
Thermal Characteristics
Thermal Resistance, Junction-to-Ambient (Note 1a & 1b)
52
68
RθJA
(Note 1c & 1d)
94
118
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDQ7236AS
FDQ7236AS
13”
16mm
2500 units
pin 1
January 2011


Similar Part No. - FDQ7236AS

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FDQ7238AS FAIRCHILD-FDQ7238AS Datasheet
184Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package
FDQ7238AS FAIRCHILD-FDQ7238AS Datasheet
419Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package
FDQ7238AS FAIRCHILD-FDQ7238AS_08 Datasheet
419Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package
FDQ7238AS_NF40 FAIRCHILD-FDQ7238AS_NF40 Datasheet
184Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package
FDQ7238AS_NL FAIRCHILD-FDQ7238AS_NL Datasheet
184Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package
More results

Similar Description - FDQ7236AS

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FDQ7244S FAIRCHILD-FDQ7244S Datasheet
301Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package
FDQ7238AS FAIRCHILD-FDQ7238AS Datasheet
184Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package
FDQ7238AS FAIRCHILD-FDQ7238AS_08 Datasheet
419Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package
FDQ7238S FAIRCHILD-FDQ7238S Datasheet
244Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package
FDS6982 FAIRCHILD-FDS6982 Datasheet
238Kb / 12P
   Dual N-Channel, Notebook Power Supply MOSFET
FDQ7698S FAIRCHILD-FDQ7698S Datasheet
299Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench
FDS6994S FAIRCHILD-FDS6994S Datasheet
299Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6984AS FAIRCHILD-FDS6984AS Datasheet
150Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
168Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6984AS FAIRCHILD-FDS6984AS_08 Datasheet
443Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz