Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17497AATE+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX17497AATE+
Description  AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17497AATE+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX17497AATE+ Datasheet HTML 6Page - Maxim Integrated Products MAX17497AATE+ Datasheet HTML 7Page - Maxim Integrated Products MAX17497AATE+ Datasheet HTML 8Page - Maxim Integrated Products MAX17497AATE+ Datasheet HTML 9Page - Maxim Integrated Products MAX17497AATE+ Datasheet HTML 10Page - Maxim Integrated Products MAX17497AATE+ Datasheet HTML 11Page - Maxim Integrated Products MAX17497AATE+ Datasheet HTML 12Page - Maxim Integrated Products MAX17497AATE+ Datasheet HTML 13Page - Maxim Integrated Products MAX17497AATE+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
AC-DC and DC-DC Peak-Current-Mode Converters
with Integrated Step-Down Regulator
MAX17497A/MAX17497B
 Maxim Integrated Products 10
Pin Description
Pin Configuration
PIN
NAME
FUNCTION
1
EN/UVLO
Enable/Undervoltage-Lockout Pin. Drive to > 1.23V to start the devices. To externally program the
UVLO threshold of the input supply, connect a resistor-divider between input supply EN/UVLO and
SGND.
2
VCC
Linear Regulator Output. Connect input bypass capacitor of at least 1FF from VCC to SGND as close
as possible to the IC.
3
OVI
Overvoltage Comparator Input. Connect a resistor-divider between the input supply (OVI) and SGND
to set the input overvoltage threshold.
4
RLIMF
Current-Limit Setting Pin. Connect a resistor between RLIMF and SGND to set the peak-current limit
for nonisolated flyback converter. Peak-current limit defaults to 500mA if unconnected.
5
SCOMPF
Slope Compensation Input Pin. Connect a resistor between SCOMPF and SGND to set slope comp
ramp. Connect to VCC for minimum slope comp. See the Programming the Slope Compensation for
the Flyback/Boost Converter (SCOMPF) section.
6
EAFN
Feedback/Inverting Input of the Error Amplifier for Nonisolated Flyback Converter. Connect to
midpoint of resistor-divider from the positive terminal of the output capacitor of the flyback/boost
converter to SGND.
7
COMPF
Error-Amplifier Output of Flyback/Boost Converter. Connect the frequency-compensation network
between COMPF and SGND. See Figure 9.
15
16
14
13
6
5
7
8
12
PGNDF
4
12
11
9
LXF
EP
IN
SSF
COMPF
EAFN
SCOMPF
+
3
10
RESETN
TQFN
TOP VIEW
MAX17497A
MAX17497B


Similar Part No. - MAX17497AATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17497A MAXIM-MAX17497A Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 0; 11/11
MAX17497AEVKIT MAXIM-MAX17497AEVKIT Datasheet
369Kb / 8P
   85V AC to 265V AC Input Voltage Range
Rev 2; 8/15
MAX17497A MAXIM-MAX17497A_13 Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak Current-Mode Converters with Integrated Step-Down Regulator
Rev 3; 4/13
More results

Similar Description - MAX17497AATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17497A MAXIM-MAX17497A Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 0; 11/11
MAX17497A MAXIM-MAX17497A_13 Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak Current-Mode Converters with Integrated Step-Down Regulator
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A Datasheet
2Mb / 28P
   AC-DC and DC-DC Peak-Current-Mode Converters for Flyback/Boost Applications
Rev 1; 3/12
MAX17498A MAXIM-MAX17498A_13 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
Rev 3; 4/13
MAX17498AATE MAXIM-MAX17498AATE Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applicatio
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A_V01 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
2020
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
ST750A STMICROELECTRONICS-ST750A_07 Datasheet
266Kb / 14P
   Adjustable step-down, current-mode PWM DC-DC converters
ST730A STMICROELECTRONICS-ST730A Datasheet
260Kb / 9P
   5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
January 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com