Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17497B Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX17497B
Description  AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17497B Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX17497B Datasheet HTML 1Page - Maxim Integrated Products MAX17497B Datasheet HTML 2Page - Maxim Integrated Products MAX17497B Datasheet HTML 3Page - Maxim Integrated Products MAX17497B Datasheet HTML 4Page - Maxim Integrated Products MAX17497B Datasheet HTML 5Page - Maxim Integrated Products MAX17497B Datasheet HTML 6Page - Maxim Integrated Products MAX17497B Datasheet HTML 7Page - Maxim Integrated Products MAX17497B Datasheet HTML 8Page - Maxim Integrated Products MAX17497B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
AC-DC and DC-DC Peak-Current-Mode Converters
with Integrated Step-Down Regulator
MAX17497A/MAX17497B
 Maxim Integrated Products 3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +15V, VEN/UVLO = +2V, COMPF = open, CIN = 1FF, CVCC = 1FF, TA = TJ = -40NC to +125NC, unless otherwise noted. Typical
values are at TA = +25NC.) (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
FLYBACK/BOOST CONVERTER
Flyback/Boost Switching
Frequency
MAX17497A
235
250
265
kHz
MAX17497B
470
500
530
Flyback/Boost Maximum Duty
Cycle
fSW = 250kHz (MAX17497A)
47.5
48.75
50
%
fSW = 500kHz (MAX17497B)
88
92
96
SSF Pullup Current
VSSF = 400mV
9
10
11
F
A
SSF Set Point Voltage
1.18
1.23
1.28
V
SSF Peak Current-Limit Enable
Threshold
1.11
1.17
1.21
V
EAFN Input Bias Current
0V < VEAFN < 1.5V, TA = +25NC
-100
+100
nA
Error-Amplifier Open-Loop
Voltage Gain
90
dB
Error-Amplifier Transconductance
VCOMPF = 2V, VRLIMF = 1V
1.5
1.8
2.1
mS
Error-Amplifier Source Current
VCOMPF = 2V, VEAFN = 1V
80
120
210
F
A
Error-Amplifier Sink Current
VCOMPF = 2V, VEAFN = 1.5V
80
120
210
F
A
Current-Sense Transresistance
0.45
0.5
0.55
I
IN Clamp Voltage
EN/UVLO = SGND, IIN_ = 1mA (MAX17497A)
(Note 3)
31
33.5
36
V
LXF DMOS Switch On-Resistance
(RDSON_LXF)
ILXF = 200mA
175
380
mI
LXF DMOS Peak Current Limit
RLIMF = 100K
1.62
1.9
2.23
A
LXF DMOS Runaway Current
Limit
RLIMF = 100K
1.9
2.3
2.6
A
LXF Leakage Current
VLXF = 65V, TA = +25NC
0.1
2
F
A
Peak Switch Current Limit with
RLIMF Open
0.35
0.45
0.54
A
Runaway Switch Current Limit
with RLIMF Open
0.39
0.5
0.6
A
RLIMF Reference Current
9
10
11
F
A
Number of Flyback/Boost Peak
Current-Limit Hits Before Hiccup
Timeout
8
#
Number of Flyback/Boost
Runaway Current-Limit Hits
Before Hiccup Timeout
1
#


Similar Part No. - MAX17497B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17497B MAXIM-MAX17497B Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 0; 11/11
More results

Similar Description - MAX17497B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17497A MAXIM-MAX17497A Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 0; 11/11
MAX17497A MAXIM-MAX17497A_13 Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak Current-Mode Converters with Integrated Step-Down Regulator
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A Datasheet
2Mb / 28P
   AC-DC and DC-DC Peak-Current-Mode Converters for Flyback/Boost Applications
Rev 1; 3/12
MAX17498A MAXIM-MAX17498A_13 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
Rev 3; 4/13
MAX17498AATE MAXIM-MAX17498AATE Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applicatio
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A_V01 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
2020
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
ST750A STMICROELECTRONICS-ST750A_07 Datasheet
266Kb / 14P
   Adjustable step-down, current-mode PWM DC-DC converters
ST730A STMICROELECTRONICS-ST730A Datasheet
260Kb / 9P
   5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
January 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com