Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM431SA Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # LM431SA
Description  Programmable Shunt Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM431SA Datasheet(HTML) 1 Page - Fairchild Semiconductor

  LM431SA Datasheet HTML 1Page - Fairchild Semiconductor LM431SA Datasheet HTML 2Page - Fairchild Semiconductor LM431SA Datasheet HTML 3Page - Fairchild Semiconductor LM431SA Datasheet HTML 4Page - Fairchild Semiconductor LM431SA Datasheet HTML 5Page - Fairchild Semiconductor LM431SA Datasheet HTML 6Page - Fairchild Semiconductor LM431SA Datasheet HTML 7Page - Fairchild Semiconductor LM431SA Datasheet HTML 8Page - Fairchild Semiconductor LM431SA Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LM431SA/LM431SB/LM431SC Rev. 1.2.0
1
June 2012
LM431SA/LM431SB/LM431SC
Programmable Shunt Regulator
Features
• Programmable Output Voltage to 36 Volts
• Low Dynamic Output Impedance 0.2
Ω Typical
• Sink Current Capability of 1.0 to 100mA
• Equivalent Full-Range Temperature Coefficient of
50ppm/
°C Typical
• Temperature Compensated for Operation Over Full
Rated Operating Temperature Range
• Low Output Noise Voltage
• Fast Turn-on Response
Internal Block Diagram
1. Ref 2. Anode 3. Cathode
1
SOT-89
SOT-23F
1
2
3
1. Cathode 2. Ref 3. Anode
SOT-23
1
2
3
M32 - 1. Ref 2. Cathode 3. Anode
M3 - 1. Cathode 2. Ref 3. Anode
+
-
Description
The LM431SA/LM431SB/LM431SC are three terminal
output adjustable regulators with thermal stability over
operating temperature range. The output voltage can be
set any value between VREF (approximately 2.5 volts)
and 36 volts with two external resistors. These devices
have a typical dynamic output impedance of 0.2
Ω. Active
output circuit provides a sharp turn-on characteristic,
making these devices excellent replacement for Zener
Diodes in many applications.


Similar Part No. - LM431SA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
222Kb / 11P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
117Kb / 11P
   Programmable Shunt Regulator
logo
ON Semiconductor
LM431SA ONSEMI-LM431SA Datasheet
260Kb / 12P
   Programmable Shunt Regulator
July, 2018 ??Rev. 8
LM431SACM32X ONSEMI-LM431SACM32X Datasheet
260Kb / 12P
   Programmable Shunt Regulator
July, 2018 ??Rev. 8
More results

Similar Description - LM431SA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com