Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP16N50 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDP16N50
Description  500V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP16N50 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDP16N50_12 Datasheet HTML 1Page - Fairchild Semiconductor FDP16N50_12 Datasheet HTML 2Page - Fairchild Semiconductor FDP16N50_12 Datasheet HTML 3Page - Fairchild Semiconductor FDP16N50_12 Datasheet HTML 4Page - Fairchild Semiconductor FDP16N50_12 Datasheet HTML 5Page - Fairchild Semiconductor FDP16N50_12 Datasheet HTML 6Page - Fairchild Semiconductor FDP16N50_12 Datasheet HTML 7Page - Fairchild Semiconductor FDP16N50_12 Datasheet HTML 8Page - Fairchild Semiconductor FDP16N50_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
FDP16N50 / FDPF16N50 / FDPF16N50T Rev. C1
Typical Performance Characteristics (Continued)
Figure 11-1. Transient Thermal Response Curve
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
* N o te s :
1. Z
θ JC ( t ) = 0. 63
o C/W Ma x.
2 . D u ty F a c to r , D = t
1 /t 2
3. T
JM - T C = P DM * Z θ JC (t )
s in g le p u ls e
D= 0 .5
0.0 2
0.2
0.05
0.1
0.01
t
1 , S q u a r e W a v e P u ls e D u r a tio n [s e c ]
t1
PDM
t2
- FDP16N50
Figure 11-2. Transient Thermal Response Curve - FDPF16N50
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
* N o te s :
1. Z
θ JC ( t ) = 3. 3
o C/W M a x.
2 . D u ty F a c to r , D = t
1 /t 2
3. T
JM - T C = P DM * Z θ JC (t )
sing le pu ls e
D= 0 .5
0.02
0.2
0.05
0.1
0.01
t
1 , S q u a r e W a v e P u ls e D u r a tio n [s e c ]
t1
PDM
t2
/ FDPF16N50T


Similar Part No. - FDP16N50_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP16N50U FAIRCHILD-FDP16N50U Datasheet
826Kb / 9P
   N-Channel UniFETTM Ultra FRFET MOSFET
FDP16N50_0704 FAIRCHILD-FDP16N50_0704 Datasheet
447Kb / 10P
   500V N-Channel MOSFET
More results

Similar Description - FDP16N50_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com