Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP13N50F Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDP13N50F
Description  N-Channel MOSFET 500V, 12A, 0.54廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP13N50F Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDP13N50F_12 Datasheet HTML 1Page - Fairchild Semiconductor FDP13N50F_12 Datasheet HTML 2Page - Fairchild Semiconductor FDP13N50F_12 Datasheet HTML 3Page - Fairchild Semiconductor FDP13N50F_12 Datasheet HTML 4Page - Fairchild Semiconductor FDP13N50F_12 Datasheet HTML 5Page - Fairchild Semiconductor FDP13N50F_12 Datasheet HTML 6Page - Fairchild Semiconductor FDP13N50F_12 Datasheet HTML 7Page - Fairchild Semiconductor FDP13N50F_12 Datasheet HTML 8Page - Fairchild Semiconductor FDP13N50F_12 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
FDP13N50F / FDPF13N50FT Rev.C1
www.fairchildsemi.com
2
Package Marking and Ordering Information T
C = 25
oC unless otherwise noted
Electrical Characteristics
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDP13N50F
FDP13N50F
TO-220
-
-
50
FDPF13N50FT
FDPF13N50FT
TO-220F
-
-
50
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250μA, VGS = 0V, TJ = 25oC
500
-
-
V
ΔBVDSS
ΔTJ
Breakdown Voltage Temperature
Coefficient
ID = 250μA, Referenced to 25oC-
0.7
-
V/oC
IDSS
Zero Gate Voltage Drain Current
VDS = 500V, VGS = 0V
-
-
10
μA
VDS = 400V, TC = 125oC
-
-
100
IGSS
Gate to Body Leakage Current
VGS = ±20V, VDS = 0V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 250μA3.0
-
5.0
V
RDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 6A
-
0.42
0.54
Ω
gFS
Forward Transconductance
VDS = 20V, ID = 6A
(Note 4)
-
13.3
-
S
Ciss
Input Capacitance
VDS = 25V, VGS = 0V
f = 1MHz
-
1450
1930
pF
Coss
Output Capacitance
-
198
265
pF
Crss
Reverse Transfer Capacitance
-
14.5
22
pF
Qg(tot)
Total Gate Charge at 10V
VDS = 400V, ID = 13A
VGS = 10V
(Note 4, 5)
-30
39
nC
Qgs
Gate to Source Gate Charge
-
8
-
nC
Qgd
Gate to Drain “Miller” Charge
-
12
-
nC
td(on)
Turn-On Delay Time
VDD = 250V, ID = 13A
RG = 25Ω
(Note 4, 5)
-28
65
ns
tr
Turn-On Rise Time
-
54
120
ns
td(off)
Turn-Off Delay Time
-
75
160
ns
tf
Turn-Off Fall Time
-
47
105
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
12
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
48
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, ISD = 12A
-
-
1.5
V
trr
Reverse Recovery Time
VGS = 0V, ISD = 12A
dIF/dt = 100A/μs
(Note 4)
-
154
-
ns
Qrr
Reverse Recovery Charge
-
0.45
-
μC
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 9.5mH, IAS = 12A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 12A, di/dt ≤ 200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test: Pulse width
≤ 300μs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature Typical Characteristics


Similar Part No. - FDP13N50F_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP13N50F FAIRCHILD-FDP13N50F Datasheet
621Kb / 9P
   N-Channel MOSFET 500V, 12A, 0.54廓
logo
Inchange Semiconductor ...
FDP13N50F ISC-FDP13N50F Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP13N50F_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP13N50F FAIRCHILD-FDP13N50F Datasheet
621Kb / 9P
   N-Channel MOSFET 500V, 12A, 0.54廓
logo
Alpha & Omega Semicondu...
AOT12N50 AOSMD-AOT12N50 Datasheet
180Kb / 6P
   500V, 12A N-Channel MOSFET
AOB12N50 AOSMD-AOB12N50 Datasheet
262Kb / 6P
   500V, 12A N-Channel MOSFET
AOW12N50 AOSMD-AOW12N50 Datasheet
287Kb / 6P
   500V, 12A N-Channel MOSFET
AOB12N50L AOSMD-AOB12N50L Datasheet
439Kb / 6P
   500V, 12A N-Channel MOSFET
logo
Unisonic Technologies
12N50_1112 UTC-12N50_1112 Datasheet
167Kb / 6P
   12A, 500V N-CHANNEL POWER MOSFET
logo
First Components Intern...
FMDT12N500 FCI-FMDT12N500 Datasheet
188Kb / 5P
   12A 500V N-Channel Polar HVTM Power MOSFET
logo
Fairchild Semiconductor
FDP12N50 FAIRCHILD-FDP12N50 Datasheet
381Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
FDD5N50NZF FAIRCHILD-FDD5N50NZF Datasheet
304Kb / 8P
   N-Channel MOSFET 500V, 3.7A, 1.75廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com