Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP8N50NZF Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDP8N50NZF
Description  N-Channel MOSFET 500V, 7A, 1廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP8N50NZF Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDP8N50NZF Datasheet HTML 1Page - Fairchild Semiconductor FDP8N50NZF Datasheet HTML 2Page - Fairchild Semiconductor FDP8N50NZF Datasheet HTML 3Page - Fairchild Semiconductor FDP8N50NZF Datasheet HTML 4Page - Fairchild Semiconductor FDP8N50NZF Datasheet HTML 5Page - Fairchild Semiconductor FDP8N50NZF Datasheet HTML 6Page - Fairchild Semiconductor FDP8N50NZF Datasheet HTML 7Page - Fairchild Semiconductor FDP8N50NZF Datasheet HTML 8Page - Fairchild Semiconductor FDP8N50NZF Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
FDP8N50NZF / FDPF8N50NZF Rev. C0
www.fairchildsemi.com
5
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms


Similar Part No. - FDP8N50NZF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP8N50NZ FAIRCHILD-FDP8N50NZ Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FDP8N50NZ ISC-FDP8N50NZ Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP8N50NZ FAIRCHILD-FDP8N50NZ Datasheet
882Kb / 10P
   N-Channel UniFETTM II MOSFET 500 V, 8 A, 850 m
October 2013
More results

Similar Description - FDP8N50NZF

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N50_1109 UTC-7N50_1109 Datasheet
180Kb / 6P
   7A, 500V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7ND60CI TSC-TSM7ND60CI Datasheet
402Kb / 6P
   N-Channel Power MOSFET 600V, 7A, 1.2廓
logo
ON Semiconductor
FDS8984-F085 ONSEMI-FDS8984-F085 Datasheet
485Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 7A, 23m廓
September-2017, Rev. 1
logo
Fairchild Semiconductor
FDP12N50 FAIRCHILD-FDP12N50 Datasheet
381Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
FDD5N50NZF FAIRCHILD-FDD5N50NZF Datasheet
304Kb / 8P
   N-Channel MOSFET 500V, 3.7A, 1.75廓
FDA28N50F FAIRCHILD-FDA28N50F_12 Datasheet
399Kb / 8P
   N-Channel MOSFET 500V, 28A, 0.175廓
FDP13N50F FAIRCHILD-FDP13N50F Datasheet
621Kb / 9P
   N-Channel MOSFET 500V, 12A, 0.54廓
FDP12N50F FAIRCHILD-FDP12N50F Datasheet
701Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.7廓
FDP5N50 FAIRCHILD-FDP5N50 Datasheet
265Kb / 10P
   N-Channel MOSFET 500V, 5A, 1.4廓
FDA28N50F FAIRCHILD-FDA28N50F Datasheet
541Kb / 8P
   N-Channel MOSFET 500V, 28A, 0.175廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com