Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

744861180 Datasheet(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744861180
Description  WE-TFCH Common Mode Power Line Choke (Horizontal)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744861180 Datasheet(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744861180 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744861180 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744861180 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744861180 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744861180 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744861180 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1.3
1.2
1.1
1.0
REV
2012-10-24
2012-09-17
2012-06-28
2012-05-01
DATE
SSt
SSt
SSt
SSt
BY
HasA
HasA
SSt
HasA
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-TFCH Common Mode Power Line
Choke (Horizontal)
Order.- No.
744861180
SIZE
A4
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The disposal and operation of the product within ambient conditions which probably alloy or harm the wire isolation has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. Accordingly to this the product
is exposed to the pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and
so the electrical as well as the mechanical characteristics are endanger to be affected. After the potting material is cured, the core, wire and
termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply for customer specific products.
Cleaning agents that are used to clean application might damage or change the characteristics of the component, body, pins or termination.
Direct mechanical impact to the product shall be prevented as the ferrite material of the core could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the datasheet, especially:
•The soldering profile has to be complied with according to the technical wave soldering specification, otherwise no warranty will be su-
stained.
•Reflow soldering is only allowed after evaluation and approval.
•All products are supposed to be used before the end of the period of 12 months based on the transfer of title, if not a 100% solderability
can´t be warranted.
•Violation of the technical product specifications such as exceeding the nominal rated current will result in the loss of warranty.
•Due to heavy weight of the component, strong forces and high accelerations might have the effect to damage the electrical connection or
to harm the circuit board and will result in the loss of warranty.
I Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-TFCH
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 744861180

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744861100 WURTH-744861100 Datasheet
435Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861120 WURTH-744861120 Datasheet
836Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
More results

Similar Description - 744861180

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744861033 WURTH-744861033 Datasheet
836Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861120 WURTH-744861120 Datasheet
836Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861056 WURTH-744861056 Datasheet
836Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861018 WURTH-744861018 Datasheet
827Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861250 WURTH-744861250 Datasheet
843Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861100 WURTH-744861100 Datasheet
435Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861082 WURTH-744861082 Datasheet
835Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744834622 WURTH-744834622 Datasheet
597Kb / 5P
   WE-CMBH Common Mode Power Line Choke (Horizontal)
744834433 WURTH-744834433 Datasheet
596Kb / 5P
   WE-CMBH Common Mode Power Line Choke (Horizontal)
744834101 WURTH-744834101 Datasheet
593Kb / 5P
   WE-CMBH Common Mode Power Line Choke (Horizontal)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com