Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0244920000 Datasheet(PDF) 1 Page - Weidmuller

Part No. 0244920000
Description  Modular terminal, accessories, end plate and intermediate plate, Medium yellow, 3 mm
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEIDMULLER [Weidmuller]
Homepage  http://www.weidmuller.com
Logo 

0244920000 Datasheet(HTML) 1 Page - Weidmuller

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product catalogue | Terminals | Screwing technology | SAK-series modular terminals | Accessories | Visual separation /
side covers | AP end cover plates
- 1 -
General ordering data
Order No.
0244920000
Part designation
AP SAKT4 KRG
Version
Modular terminal, accessories, end plate and
intermediate plate, Medium yellow, 3 mm
EAN
4008190108953
Qty.
20 pc(s).
Additional technical data
UL 94 flammability rating of insulation material
V2
Dimensions
Width
3 mm
Approvals
Approvals institutes
Classifications
ETIM 2.0
EC000886
ETIM 3.0
EC000886
eClass 4.1
27-14-11-99
eClass 5.0
27-14-11-33
eClass 5.1
27-14-11-33
Similar products
Order No.
Part designation
Version
0340920000
AP 70 SAK70 KRG
Modular terminal, accessories, end plate and intermediate plate,
dark beige/yellow, 4 mm
0294460000
AP AKZ4
Modular terminal, accessories, end plate and intermediate plate,
beige, 1.5 mm
0294480000
AKZ 4 AP BLUE
Modular terminal, accessories, end plate and intermediate plate,
blue, 1.5 mm
0294420000
AKZ 4 AP KRG BEIGE
Modular terminal, accessories, end plate and intermediate plate,
dark beige/yellow
0266420000
AP AST1+5 KRG
Modular terminal, accessories, end plate and intermediate plate,
dark beige/yellow, 3 mm
1397160000
AP DK4Q
Modular terminal, accessories, end plate and intermediate plate,
beige, 1.5 mm
1397180000
AP DK4Q BL
Modular terminal, accessories, end plate and intermediate plate,
blue, 1.5 mm
0631360000
AP DK4S
Modular terminal, accessories, end plate and intermediate plate,
beige
0271160000
AP SAK16
Modular terminal, accessories, end plate and intermediate plate,
beige, 1.5 mm
0271180000
AP SAK16 BL
Modular terminal, accessories, end plate and intermediate plate,
blue, 1.5 mm


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn