Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FB27M6L0335KL Datasheet(PDF) 1 Page - AVX Corporation

Part # FB27M6L0335KL
Description  Medium Power Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FB27M6L0335KL Datasheet(HTML) 1 Page - AVX Corporation

  FB27M6L0335KL Datasheet HTML 1Page - AVX Corporation FB27M6L0335KL Datasheet HTML 2Page - AVX Corporation FB27M6L0335KL Datasheet HTML 3Page - AVX Corporation FB27M6L0335KL Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Medium Power Film Capacitors
FB (RoHS Compliant)
The FB series uses a non-impregnated metallized
polypropylene dielectric specially treated to have a very high
dielectric strength in operating conditions up to 100°C.
The FB has been designed for printed circuit board
mounting. FB series performance characteristics make them
a viable alternative to aluminum electrolytic technology due
to much lower ESR and much higher surge voltage
capability (dv/dt).
APPLICATIONS
The FB capacitor is particularly designed for DC filtering, low
reactive power.
HOT SPOT CALCULATION
See Hot Spot Temperature, page 3.
θhot spot = θambient + (Pd + Pt) x Rth
with
Pd (Dielectric losses) = Q x tg
δ0
Q x tg
δ0 ⇒ [ 12 x Cn x (Vpeak to peak)2 x f ] x tgδ0
tg
δ0 (tan delta)
For polypropylene, tg
δ0 = 2 x 10-4 for frequencies
up to 1MHz and is independent of temperatures.
Pt (Thermal losses) = Rs x (Irms)2
where
Cn in Farad
Irms in Ampere
f in Hertz
Vin Volt
Rs in Ohm
θ in °C
Rth in °C/W
OPERATING TEMPERATURE RANGE
Operating temperature range: -40ºC to +100ºC
LIFETIME EXPECTANCY
One unique feature of this technology (versus aluminum
electrolytics) is how the capacitor reacts at the end of its
lifetime.
Unlike aluminum electrolytic, film capacitors do not have a
catastrophic failure mode. Film capacitors simply experience
a parametric loss of capacitance of about 2% of initial value,
with no risk of a short circuit.
The capacitor continues to be functional even after this 2%
decrease.
PACKAGING MATERIAL
Self-extinguishing plastic case (V0 = in accordance with UL 94)
filled thermosetting resin.
Self-extinguishing thermosetting resin (V0 = in accordance with
UL 94; I3F2 = in accordance with NF F 16-101).
STANDARDS
IEC 61071-1, IEC 61071-2: Power electronic capacitors
IEC 60384-16: Fixed metallized polypropylene
film dielectric DC capacitors
IEC 60384-16-1: Fixed metallized polypropylene
film dielectric DC capacitors
Assessment level E
IEC 60384-17: Fixed metallized polypropylene
film dielectric AC and pulse
capacitors
IEC 60384-17-1: Fixed metallized polypropylene
film dielectric AC and pulse
capacitors
Assessment level E


Similar Part No. - FB27M6L0335KL

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FB27M6L0685JA AVX-FB27M6L0685JA Datasheet
179Kb / 4P
   Medium Power Film Capacitors
FB27M6L0685JB AVX-FB27M6L0685JB Datasheet
179Kb / 4P
   Medium Power Film Capacitors
FB27M6L0685KA AVX-FB27M6L0685KA Datasheet
179Kb / 4P
   Medium Power Film Capacitors
FB27M6L0685KB AVX-FB27M6L0685KB Datasheet
179Kb / 4P
   Medium Power Film Capacitors
FB27M6L0685MA AVX-FB27M6L0685MA Datasheet
179Kb / 4P
   Medium Power Film Capacitors
More results

Similar Description - FB27M6L0335KL

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com