Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCX007CN Datasheet(PDF) 5 Page - Sony Corporation

Part # LCX007CN
Description  3.4cm (1.35-inch) Black-and-White LCD Panel
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX007CN Datasheet(HTML) 5 Page - Sony Corporation

  LCX007CN Datasheet HTML 1Page - Sony Corporation LCX007CN Datasheet HTML 2Page - Sony Corporation LCX007CN Datasheet HTML 3Page - Sony Corporation LCX007CN Datasheet HTML 4Page - Sony Corporation LCX007CN Datasheet HTML 5Page - Sony Corporation LCX007CN Datasheet HTML 6Page - Sony Corporation LCX007CN Datasheet HTML 7Page - Sony Corporation LCX007CN Datasheet HTML 8Page - Sony Corporation LCX007CN Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
– 5 –
LCX007CN
Input Signals
1. Input signal voltage conditions
(VSS = 0V)
1 Video input signal shall be symmetrical to VVC.
2 Common voltage of the panel shall be adjusted to VVC – 0.4V.
Level Conversion Circuit
The LCX007CN has a built-in level conversion circuit in the clock input unit on the panel. The input signal level
increases to HVDD or VVDD. The VCC of external ICs are applicable to 5 ± 0.5V.
Item
H driver input voltage
WID, RGT, HST, HCK1, HCK2
(Low)
(High)
(Low)
(High)
VHIL
VHIH
VVIL
VVIH
VVC
Vsig
Vcom
–0.5
4.5
–0.5
4.5
6.5
VVC – 4.5
VVC – 0.5
0.0
5.0
0.0
5.0
7.0
VVC – 0.4
V driver input voltage
CLR, ENB, VCK, PCG, VST, DWN
Video signal center voltage
Video signal input range∗1
Common voltage of panel∗2
Symbol
Min.
Typ.
0.3
5.5
0.3
5.5
7.2
VVC + 4.5
VVC – 0.3
V
V
V
V
V
V
V
Max.
Unit


Similar Part No. - LCX007CN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
More results

Similar Description - LCX007CN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007BNB SONY-LCX007BNB Datasheet
661Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX037BLT SONY-LCX037BLT Datasheet
390Kb / 25P
   3.4cm (1.35 Type) Black-and-White LCD Panel
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007BKA SONY-LCX007BKA Datasheet
624Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX019AM SONY-LCX019AM Datasheet
304Kb / 22P
   3.4cm (1.32-inch) LCD Panel (with microlens)
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com