Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTP07050-10 Datasheet(PDF) 6 Page - RFHIC

Part # RTP07050-10
Description  The RTP07050-10 is designed for RF system application frequencies from 746MHz to 780MHz, with high gain.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RTP07050-10 Datasheet(HTML) 6 Page - RFHIC

  RTP07050-10 Datasheet HTML 1Page - RFHIC RTP07050-10 Datasheet HTML 2Page - RFHIC RTP07050-10 Datasheet HTML 3Page - RFHIC RTP07050-10 Datasheet HTML 4Page - RFHIC RTP07050-10 Datasheet HTML 5Page - RFHIC RTP07050-10 Datasheet HTML 6Page - RFHIC RTP07050-10 Datasheet HTML 7Page - RFHIC RTP07050-10 Datasheet HTML 8Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary
Preliminary
G
GaaN
N P
Poow
weerr A
Am
mp
p P
Paalllleett
R
RT
TP
P0077005500--1100
▪ Tel : 82-31-250-5078
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.1
Pre – DPD @ 751MHz, LTE 1FA 10MHz
Post- DPD @ 751MHz, LTE 1FA 10MHz
Pre – DPD @ 763MHz, LTE 1FA 10MHz
Post- DPD @763MHz, LTE 1FA 10MHz
Pre – DPD @ 775MHz, LTE 1FA 10MHz
Post- DPD @775MHz, LTE 1FA 10MHz


Similar Part No. - RTP07050-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RTP07050-20B RFHIC-RTP07050-20B Datasheet
674Kb / 8P
   The RTP07050-20B is designed for RF system application frequencies from 728MHz to 842.5MHz, with high gain.
More results

Similar Description - RTP07050-10

ManufacturerPart #DatasheetDescription
logo
RFHIC
RTP07050-20B RFHIC-RTP07050-20B Datasheet
674Kb / 8P
   The RTP07050-20B is designed for RF system application frequencies from 728MHz to 842.5MHz, with high gain.
RTP21050-10 RFHIC-RTP21050-10 Datasheet
262Kb / 5P
   The RTP21050-10 is designed for RF system application frequencies from 2110MHz to 2170MHz, with high gain.
RTP08016-10 RFHIC-RTP08016-10 Datasheet
1Mb / 6P
   The RTP08016-10 is designed for RF system application frequencies from 860MHz to 890MHz, with high gain.
RTP21025-10 RFHIC-RTP21025-10 Datasheet
324Kb / 5P
   The RTP21025-10 is designed for RF system application frequencies from 2110MHz to 2170MHz, with high gain.
RTP26050-10 RFHIC-RTP26050-10 Datasheet
222Kb / 4P
   The RTP26050-10 is designed for RF system application frequencies from 2620MHz to 2690MHz, with high gain.
RTP21070-20 RFHIC-RTP21070-20 Datasheet
411Kb / 6P
   The RTP21070-20 is designed for RF system application frequencies from 2110MHz to 2170MHz, with high gain.
RTP18050-S1 RFHIC-RTP18050-S1 Datasheet
224Kb / 4P
   The RTP18050-S1 is designed for RF system application frequencies from 1830MHz to 1860MHz, with high gain.
RTP26070-20 RFHIC-RTP26070-20 Datasheet
286Kb / 4P
   The RTP26070-20 is designed for RF system application frequencies from 2620MHz to 2690MHz, with high gain.
RTP08050-20B RFHIC-RTP08050-20B Datasheet
826Kb / 8P
   The RTP08050-20B is designed for RF system application frequencies from 837.5MHz to 957MHz, with high gain.
RTP23070-20 RFHIC-RTP23070-20 Datasheet
284Kb / 4P
   The RTP23070-20 is designed for RF system application frequencies from 2300MHz to 2400MHz, with high gain.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com