Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCX007 Datasheet(PDF) 9 Page - Sony Corporation

Part # LCX007
Description  3.4cm (1.35-inch) Color LCD Panel
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX007 Datasheet(HTML) 9 Page - Sony Corporation

Back Button LCX007 Datasheet HTML 5Page - Sony Corporation LCX007 Datasheet HTML 6Page - Sony Corporation LCX007 Datasheet HTML 7Page - Sony Corporation LCX007 Datasheet HTML 8Page - Sony Corporation LCX007 Datasheet HTML 9Page - Sony Corporation LCX007 Datasheet HTML 10Page - Sony Corporation LCX007 Datasheet HTML 11Page - Sony Corporation LCX007 Datasheet HTML 12Page - Sony Corporation LCX007 Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
– 9 –
LCX007BKA
Electrical Characteristics (Ta = 25°C, HVDD = 15.7V, VVDD = 15.7V)
1. Horizontal drivers
Item
Input pin capacitance
HCKn
HST
Input pin current
HCK1
HCK2
HST
WID, RGT
Video signal input pin capacitance
Current consumption
CHckn
CHst
Csig
IH
HCK1 = GND
HCK2 = GND
HST = GND
WID, RGT = GND
HCKn: HCK1, HCK2 (7.5MHz)
–500
–1000
–500
–150
7
7
–120
–450
–160
–30
250
7.5
10
10
10
pF
pF
µA
µA
µA
µA
pF
mA
Symbol
Min.
Typ.
Max.
Unit
Condition
2. Vertical drivers
Item
Input pin capacitance VCK
VST
Input pin current
VCK
PCG, VST, EN, CLR, DWN
Current consumption
CVck
CVst
IV
–1000
–150
7
7
–160
–30
1.5
10
10
4
pF
pF
µA
µA
mA
Symbol
Min.
Typ.
Max.
Unit
Condition
3. Total power consumption of the panel
Item
Total power consumption of
the panel (NTSC)
PWR
150
250
mW
Symbol
Min.
Typ.
Max.
Unit
4. Pin input resistance
Item
Pin-VSS input resistance
Rpin
0.4
1
M
Symbol
Min.
Typ.
Max.
Unit
VCK = GND
PCG, VST, EN, CLR, DWN = GND
VCK: (15.7kHz)
5. Side signal input pin capacitance
Item
Side signal input pin
capacitance
CSIDon
810
12
nF
Symbol
Min.
Typ.
Max.
Unit


Similar Part No. - LCX007

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX007 SONY-LCX007 Datasheet
622Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007 SONY-LCX007 Datasheet
661Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007BNB SONY-LCX007BNB Datasheet
661Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
More results

Similar Description - LCX007

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007BNB SONY-LCX007BNB Datasheet
661Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX037BLT SONY-LCX037BLT Datasheet
390Kb / 25P
   3.4cm (1.35 Type) Black-and-White LCD Panel
LCX019AM SONY-LCX019AM Datasheet
304Kb / 22P
   3.4cm (1.32-inch) LCD Panel (with microlens)
LCX020BK SONY-LCX020BK Datasheet
306Kb / 24P
   1.8cm (0.7-inch) Color LCD Panel
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX005BK SONY-LCX005BK Datasheet
307Kb / 22P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX009AKB SONY-LCX009AKB Datasheet
351Kb / 22P
   1.8cm (0.7-inch) NTSC/PAL Color LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com