Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTP26010-12 Datasheet(PDF) 2 Page - RFHIC

Part # RTP26010-12
Description  RTP26010-12 has been designed for RF system application frequencies from 2496MHz to 2690MHz, with high gain.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RTP26010-12 Datasheet(HTML) 2 Page - RFHIC

  RTP26010-12 Datasheet HTML 1Page - RFHIC RTP26010-12 Datasheet HTML 2Page - RFHIC RTP26010-12 Datasheet HTML 3Page - RFHIC RTP26010-12 Datasheet HTML 4Page - RFHIC RTP26010-12 Datasheet HTML 5Page - RFHIC RTP26010-12 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
G
Ga
aN
N--S
SiiC
C P
Pa
alllle
ett A
Am
mp
plliiffiie
er
r
R
RT
TP
P2
26
60
01
10
0--1
12
2
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.5
RF Interface Connectors
Pin #
DESCRIPTION
Specifications
1
RF IN
RF Input signal from TRx B’d
2
RF OUT
RF Output signal to TDD switch
3
RF FWD Port
RF Forward Detection signal For Feed-back
DC Connector
Pin #
DESCRIPTION
Specifications
1
TDD Control
PA TDD control signal for switching gate bias (+5V)
2
GND
Ground
3
Gain Block Amp +Vgg
+5V
4
GND
Ground
5
Temp. Monitor
Reporting Temperature data [0.75V/25℃(10mV/℃)]
6,7
GND
Ground
8,9,10
Drive, Main Amp +Vdd
+30Vdc
※ RF connector and DC connector custom design available.


Similar Part No. - RTP26010-12

ManufacturerPart #DatasheetDescription
logo
RFHIC
RTP26010-10 RFHIC-RTP26010-10 Datasheet
115Kb / 2P
   GaN-SiC Pallet Amplifier
More results

Similar Description - RTP26010-12

ManufacturerPart #DatasheetDescription
logo
RFHIC
RTP26020-D1 RFHIC-RTP26020-D1 Datasheet
327Kb / 5P
   RTP26020-D1 has been designed for RF system application frequencies from 2496MHz to 2690MHz, with high gain.
RTP26010-N1 RFHIC-RTP26010-N1 Datasheet
173Kb / 4P
   The RTP26010-N1 is designed for RF system application frequencies from 2570MHz to 2690MHz, with high gain.
RTP26030-22 RFHIC-RTP26030-22 Datasheet
422Kb / 5P
   The RTP26030-22 is designed for RF system application frequencies from 2496MHz to 2690MHz, with high gain.
RTP23010-12 RFHIC-RTP23010-12 Datasheet
112Kb / 1P
   RTP23010-12 has been designed for RF system application frequencies from 2300MHz to 2400MHz, with high gain.
RTP23020-D1 RFHIC-RTP23020-D1 Datasheet
324Kb / 5P
   RTP23020-D1 has been designed for RF system application frequencies from 2300MHz to 2400MHz, with high gain.
RTP26070-20 RFHIC-RTP26070-20 Datasheet
286Kb / 4P
   The RTP26070-20 is designed for RF system application frequencies from 2620MHz to 2690MHz, with high gain.
RTP26050-10 RFHIC-RTP26050-10 Datasheet
222Kb / 4P
   The RTP26050-10 is designed for RF system application frequencies from 2620MHz to 2690MHz, with high gain.
RTP21070-20 RFHIC-RTP21070-20 Datasheet
411Kb / 6P
   The RTP21070-20 is designed for RF system application frequencies from 2110MHz to 2170MHz, with high gain.
RTP18050-S1 RFHIC-RTP18050-S1 Datasheet
224Kb / 4P
   The RTP18050-S1 is designed for RF system application frequencies from 1830MHz to 1860MHz, with high gain.
RTP21050-10 RFHIC-RTP21050-10 Datasheet
262Kb / 5P
   The RTP21050-10 is designed for RF system application frequencies from 2110MHz to 2170MHz, with high gain.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com