Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

RTP21025-11 Datasheet(PDF) 2 Page - RFHIC

Part No. RTP21025-11
Description  This HPA Module is a high gain and compact amplifier module for WCDMA and LTE Repeater use.
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFHIC [RFHIC]
Homepage  http://www.rfhic.com
Logo 

RTP21025-11 Datasheet(HTML) 2 Page - RFHIC

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
P
Pr
re
elliim
miin
na
ar
ry
y
P
Po
ow
we
er
r A
Am
mp
plliiffiie
er
r P
Pa
alllle
ett
R
RT
TP
P2
21
10
02
25
5--1
11
1
▪ Tel : 82-31-250-5078
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.1
Environmental Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operating Ambient Temperature
Ta
-30
+60
°C
Storage Temperature
Tstg
-40
+130
°C
Relative humidity w/o condensation
RH
95
%
Mechanical Specifications
Parameter
Value
Units
Limits
Dimensions
100.0 x 50.0 x 20.0
mm
Weight
200(Max.)
g
RF Input Connector
MCX(Female), customizable*
RF Output Coupling Connector
MCX(Female), customizable*
RF Output Connector
SMA(Female), customizable*
DC Connector
Molex_4pin male (0022035045)
Cooling
External Heat-sink
Maximum Rating
Input Overdrive
POD
-2dBm
Max.
Load VSWR
Ψ
∞ : 1 (All Phase & Amplitude)
Nom.
Operating Case Temperature
Tc
+100
°C
Interface Connector
Connector type: MOLEX_4pin male (0022035045)
Pin #
Description
I/O
Specifications
1
VDC1
I
+5.6V
2, 3
VDC2
I
+48V
4
GND
-
Ground
*Note: Based on the customer’s need, RFHIC can provide different types of connectors. Price may vary.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn