Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

RTP21025-11 Datasheet(PDF) 1 Page - RFHIC

Part No. RTP21025-11
Description  This HPA Module is a high gain and compact amplifier module for WCDMA and LTE Repeater use.
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFHIC [RFHIC]
Homepage  http://www.rfhic.com
Logo 

RTP21025-11 Datasheet(HTML) 1 Page - RFHIC

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
P
Pr
re
elliim
miin
na
ar
ry
y
P
Po
ow
we
er
r A
Am
mp
plliiffiie
er
r P
Pa
alllle
ett
R
RT
TP
P2
21
10
02
25
5--1
11
1
▪ Tel : 82-31-250-5078
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 1.1
Product Features
Application
• GaN on SiC + Doherty Technology
• High Efficiency
• Solid-state Linear Design
• Small and Light Weight
• Suitable for WCDMA/LTE
• 50 Ohm Input/Output Impedance
• High Reliability and Ruggedness
• Built in Output Isolator
• WCDMA / LTE Repeater
Description
This HPA Module is a high gain and compact amplifier module for WCDMA and LTE Repeater use.
Electrical Specifications
PARAMETER
Symbol
Specification
Frequency Range
BW
2110 ~ 2170MHz
Operating Bandwidth within BW
OBW
5 ~ 20MHz
Output Power
Pout
44dBm/ WCDMA 4FA, LTE
SPECTRUM EMISSION MASK
(with DPD)
SEM
PER 3GPP TS-25.141 & TS25.141
ACLR (WCDMA 4FA)
@ Po=+44dBm (typ.)
ACLR
Non-DPD
-25dBc@±5MHz
-28dBc@±10MHz
@-30 ~ +60
°C
@ 48V
@ PAR 7.5dB
With-DPD
-45dBc@±5MHz
-48dBc@±10MHz
ACLR (LTE 10MHz 1FA)
@ Po=+44dBm (typ.)
Non-DPD
-28dBc@±10MHz
With-DPD
-52dBc@±10MHz
RF Gain
G
47dB ±3dB @frequency range, 25W Pavg, -30 ~ +60
°C
Input Return Loss
S11
-16dB (Max.)
Output Return Loss
S22
-18dB (Max.)
Normal Operating Voltage
VDC
+5.6V, +48V
Current Consumption
IDD
0.13A / 5.6V, 1.3A / 48V (typ.)
Efficiency
Eff
40%@48V(typ.)
Gain Flatness
ΔG
Peak to peak 2dB Over operating frequency
Peak to peak 0.5dB Over any 3.84MHz
Harmonics (2
nd, with DPD)
H
-45dBc (Max.)
Feedback Output level
@ 44dBm
FB
+6dBm ± 1dB
Operating Temperature
To
-30℃ ~ + 60℃ (Ambient temp)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn