Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

02306.R5.20 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # 02306.R5.20
Description  Lamp Cord Type SPT 60쨘C 300 Volts UL /CSA
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

02306.R5.20 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  02306.R5.20 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
44
Specialty Cord
Cord & Cordset
Product Construction:
Conductor:
• 18and16AWGfullyannealedbareor
tinned copper per ASTM B-174
Insulation:
• Premium-grade,color-codedPVC
• Temperaturerange:-20ºCto+60ºC
• Colorcode:Seechartbelow
Jacket Marking:
• (SIZE)SPT-1(orSTP-2)60°CE#(UL)---
CSA LL# FT-2 300V
Applications:
• Smallappliances
• Lamps
• Radios
• Jukeboxes
Industry Approvals:
• ULListed
• CSACertified
• RoHSCompliant
Packaging:
• 250'(76.2m)spools
• Otherput-upsavailableonspecialorder
JACKET COLOR CODE CHART
A
Black or White or Brown
B
ClearSilver(tinnedcopper)
C
Clear Gold
D
Clear
TYPE SPT-2
CATALOG
NUMBER
NO.
OF
COND.
AWG
SIZE
COND.
STRAND
NOM. INSULATION
THICKNESS
NOMINAL O.D.
CURRENT
AMPS(1)
APPROX.
NET WEIGHT
LBS/M(S)
JACKET
COLOR
CHART
INCHES
mm
INCHES
mm
02303
2
16
65/34
0.045
1.14
0.155
3.94
13
37
A
X
X
0.295
7.490
(1)
AmpacitiesbasedonNECtable400.5(A).
(S)
Actual shipping weight may vary.
TYPE SPT-1
CATALOG
NUMBER
NO.
OF
COND.
AWG
SIZE
COND.
STRAND
NOM. INSULATION
THICKNESS
NOMINAL O.D.
CURRENT
AMPS(1)
APPROX.
NET WEIGHT
LBS/M(S)
JACKET
COLOR
CHART
INCHES
mm
INCHES
mm
02301
2
18
41/34
0.030
0.76
0.107
2.72
10
22
A
X
X
0.210
5.330
02304
2
18
41/34
0.030
0.76
0.107
2.72
10
22
D
X
X
0.210
5.330
02305
2
18
41/34
0.030
0.76
0.107
2.72
10
22
C
X
X
0.210
5.330
02306
2
18
41/34
0.030
0.76
0.107
2.72
10
22
B
X
X
0.210
5.330
Lamp Cord Type SPT
60ºC300VoltsUL/CSA


Similar Part No. - 02306.R5.20

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
0230600L MICROSEMI-0230600L Datasheet
164Kb / 3P
   Silicon Controlled Rectifier
More results

Similar Description - 02306.R5.20

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
01302.15.01 GENERAL-01302.15.01 Datasheet
65Kb / 1P
   60쨘C 300 Volt UL /CSA Portable Cord
01366.38T.01 GENERAL-01366.38T.01 Datasheet
65Kb / 1P
   60쨘C 300 Volt UL /CSA Portable Cord
05095.15.08 GENERAL-05095.15.08 Datasheet
88Kb / 1P
   60쨘C 30 Volt CSA Type LVT
05092.15.08 GENERAL-05092.15.08 Datasheet
88Kb / 1P
   60쨘C 30 Volt CSA Type LVT
05096.15.08 GENERAL-05096.15.08 Datasheet
88Kb / 1P
   60쨘C 30 Volt CSA Type LVT
05094.15.08 GENERAL-05094.15.08 Datasheet
88Kb / 1P
   60쨘C 30 Volt CSA Type LVT
05093.15.08 GENERAL-05093.15.08 Datasheet
88Kb / 1P
   60쨘C 30 Volt CSA Type LVT
05482.R8.02 GENERAL-05482.R8.02 Datasheet
84Kb / 1P
   60쨘C 150 Volt UL Type CL2
05484.R5.02 GENERAL-05484.R5.02 Datasheet
84Kb / 1P
   60쨘C 150 Volt UL Type CL2
05485.R5.02 GENERAL-05485.R5.02 Datasheet
84Kb / 1P
   60쨘C 150 Volt UL Type CL2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com