Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8856 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT8856
Description  Multi-Phase PWM Controller for CPU Core Power Supply
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8856 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8856 Datasheet HTML 6Page - Richtek Technology Corporation RT8856 Datasheet HTML 7Page - Richtek Technology Corporation RT8856 Datasheet HTML 8Page - Richtek Technology Corporation RT8856 Datasheet HTML 9Page - Richtek Technology Corporation RT8856 Datasheet HTML 10Page - Richtek Technology Corporation RT8856 Datasheet HTML 11Page - Richtek Technology Corporation RT8856 Datasheet HTML 12Page - Richtek Technology Corporation RT8856 Datasheet HTML 13Page - Richtek Technology Corporation RT8856 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
RT8856
10
DS8856-03
June 2011
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Current Limit Threshold Voltage
(Average)
VILIM
Σ (VISENx − VISENx_N) / N,
VOCSET = 0.625V,
VILIMT(nom) = 25mV
23
25
27
mV
Current Limit Threshold Voltage
(per phase)
VILIM_PH
VILIMITPH / VILIMIT
--
150
--
%
Thermal Shutdown Threshold
TSD
--
160
--
°C
Thermal Shutdown Hysteresis
ΔTSD
--
10
--
°C
Logic Inputs
Logic-High VIH
With respect to 3.3V, 70%
2.31
--
--
VRON Input Threshold
Voltage
Logic-Low
VIL
With respect to 3.3V, 30%
--
--
0.99
V
Leakage Current of VRON
−1
--
1
μA
Logic-High VIH
With respect to 1.1V, 70%
0.77
--
--
DAC (VID0
− VID6),
PSI and DPRSLPVR
Input Threshold Voltage Logic-Low
VIL
With respect to 1.1V, 30%
--
--
0.33
V
Leakage Current of DAC (VID0
VID6), PSI and DPRSLPVR
−1
--
1
μA
Power Good
PGOOD Threshold
VTH_PGOOD
--
1
--
V
PGOOD Low Voltage
VPGOOD
IPGOOD = 4mA
--
--
0.4
V
PGOOD Delay
tPGOOD
CLKEN Low to PGOOD High
3
--
20
ms
Clock Enable
CLKEN Low Voltage
VCLKEN
ICLKEN = 4mA
--
--
0.4
V
Thermal Throttling
Thermal Throttling Threshold
VOT
Measure at NTC with respect
to VCC
--
80
--
%VDD
Thermal Throttling Threshold
Hysteresis
VOT_HY
At VCC = 5V
--
100
--
mV
VRTT Output Voltage
VVRTT
IVRTT = 40mA
--
--
0.4
V
Current Monitor
Current Monitor Maximum Output
Voltage in Operating Range
VDAC = 1V, VRCMSET = 90mV,
RCM = 50kΩ, RCMSET = 10kΩ
0.855
0.9
0.945
V
Current Monitor Maximum Output
Voltage
--
--
1.15
V
Gate Driver
UGATE Driver Source
RUGATEsr
VBOOTx − VPHASEx = 5V
VBOOTx − VUGATEx = 1V
--
0.7
--
Ω
UGATE Driver Sink
RUGATEsk
VUGATE = 1V
--
0.6
--
Ω
LGATE Driver Source
RLGATEsr
VPVCC = 5V,
VPVCC − VLGATE = 1V
--
0.7
--
Ω
LGATE Driver Sink
RLGATEsk
VLGATE = 1V
--
0.3
--
Ω
UGATE Driver Source/Sink Current
IUGATE
VBOOT − VPHASE = 5V
VUGATE = 2.5V
--
3
--
A
LGATE Driver Source Current
ILGATEsr
VLGATE = 2.5V
--
3
--
A
To be continued


Similar Part No. - RT8856

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8855 RICHTEK-RT8855 Datasheet
334Kb / 18P
   4/3/2/1-Phase PWM Controller for AMD AM2/AM2 CPUs
RT8857 RICHTEK-RT8857 Datasheet
412Kb / 26P
   4/3/2/1-Phase PWM Controller with Embedded Drivers for CPU Core Power Supply
RT8859M RICHTEK-RT8859M Datasheet
729Kb / 51P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M Datasheet
729Kb / 51P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8859MGQW RICHTEK-RT8859MGQW Datasheet
729Kb / 51P
   Multi-Phase PWM Controller for CPU Core Power Supply
More results

Similar Description - RT8856

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CJ RICHTEK-RT3607CJ Datasheet
1,001Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
June 2019
logo
Infineon Technologies A...
TDA21302 INFINEON-TDA21302 Datasheet
588Kb / 25P
   Multi-Phase PWM Controller for CPU Core Power Supply
Version 1.2 , May 2004
logo
Richtek Technology Corp...
RT9246 RICHTEK-RT9246 Datasheet
382Kb / 17P
   Multi-Phase PWM Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com