Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9198-15PBR Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9198-15PBR
Description  300mA, Thermal Folded Back CMOS LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9198-15PBR Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9198-15PBR Datasheet HTML 4Page - Richtek Technology Corporation RT9198-15PBR Datasheet HTML 5Page - Richtek Technology Corporation RT9198-15PBR Datasheet HTML 6Page - Richtek Technology Corporation RT9198-15PBR Datasheet HTML 7Page - Richtek Technology Corporation RT9198-15PBR Datasheet HTML 8Page - Richtek Technology Corporation RT9198-15PBR Datasheet HTML 9Page - Richtek Technology Corporation RT9198-15PBR Datasheet HTML 10Page - Richtek Technology Corporation RT9198-15PBR Datasheet HTML 11Page - Richtek Technology Corporation RT9198-15PBR Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
RT9198T
9
DS9198T-04 April 2011
www.richtek.com
Figure 3. Derating Curve for Packages
For continuous operation, do not exceed absolute
maximum operation junction temperature 125
°C. The
power dissipation definition in device is :
PD = (VIN
− VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
junction to ambient. The maximum power dissipation can
be calculated by following formula :
PD(MAX) = ( TJ(MAX) - TA ) /
θJA
Where TJ(MAX) is the maximum operation junction
temperature 125
°C, TAis the ambient temperature and the
θJA is the junction to ambient thermal resistance.
For recommended operating conditions specification of
RT9198T, where TJ(MAX) is the maximum junction
temperature of the die (125
°C) and TA is the maximum
ambient temperature. The junction to ambient thermal
resistance (
θJA is layout dependent) for SC-70 package is
333
°C/W, 250°C/W is for SOT-23-3 and SOT-23-5 package
on standard JEDEC 51-3 thermal test board. The
maximum power dissipation at TA = 25
°C can be calculated
by following formula :
PD(MAX) = (125
°C−25°C)/250 = 400 mW (SOT-23-3/
SOT-23-5)
PD(MAX) = (125
°C−25°C)/333 = 300 mW (SC-70-5)
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. For RT9198T packages, the Figure 3. of
derating curves allows the designer to see the effect of
rising ambient temperature on the maximum power
allowed.
0
50
100
150
200
250
300
350
400
450
0
25
50
75
100
125
Ambient Temperature (°C )
SOT-23-3, SOT-23-5
SC 70-5


Similar Part No. - RT9198-15PBR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9198-15PBR RICHTEK-RT9198-15PBR Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198-15PBR RICHTEK-RT9198-15PBR Datasheet
239Kb / 18P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198-15PBR RICHTEK-RT9198-15PBR Datasheet
275Kb / 18P
   Low-Noise for RF Application, Fast Response in Line/Load Transient
More results

Similar Description - RT9198-15PBR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
   300mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com