Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9013B-2HPU5 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9013B-2HPU5
Description  300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9013B-2HPU5 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9013B-2HPU5 Datasheet HTML 1Page - Richtek Technology Corporation RT9013B-2HPU5 Datasheet HTML 2Page - Richtek Technology Corporation RT9013B-2HPU5 Datasheet HTML 3Page - Richtek Technology Corporation RT9013B-2HPU5 Datasheet HTML 4Page - Richtek Technology Corporation RT9013B-2HPU5 Datasheet HTML 5Page - Richtek Technology Corporation RT9013B-2HPU5 Datasheet HTML 6Page - Richtek Technology Corporation RT9013B-2HPU5 Datasheet HTML 7Page - Richtek Technology Corporation RT9013B-2HPU5 Datasheet HTML 8Page - Richtek Technology Corporation RT9013B-2HPU5 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RT9013B
3
DS9013B-02 April 2011
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 6V
EN Input Voltage ----------------------------------------------------------------------------------------------------------- 6V
Power Dissipation, PD @ TA = 25
°C
SC-70-5 ---------------------------------------------------------------------------------------------------------------------- 0.3W
WDFN-6L 1.6x1.6 --------------------------------------------------------------------------------------------------------- 0.606W
Package Thermal Resistance (Note 2)
SC-70-5,
θJA ---------------------------------------------------------------------------------------------------------------- 333°C/W
WDFN-6L 1.6x1.6,
θJA ---------------------------------------------------------------------------------------------------- 165°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
65°C to 150°C
ESD Susceptibility (Note 3)
HBM -------------------------------------------------------------------------------------------------------------------------- 2kV
MM ---------------------------------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 2.2V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Voltage Range
VIN
2.2
--
5.5
V
Output Noise Voltage
VON
VOUT = 1.5V
--
30
--
uVRMS
Output Voltage Accuracy
(Fixed Output Voltage)
ΔVOUT
IOUT = 10mA
−2
0
+2
%
Quiescent Current
(Note 5)
IQ
VEN = 5V, IOUT = 0mA
--
25
50
uA
Shutdown Current
ISHDN
VEN = 0V
--
0.7
1.5
uA
Current Limit
ILIM
RLOAD = 0Ω, 2.2V ≤ VIN < 5.5V
300
400
600
mA
Dropout Voltage
(Note 6)
VDROP
IOUT = 300mA
--
125
240
mV
1mA < IOUT < 300mA
2.2V
≤ VIN < 2.7V
--
--
0.6
Load Regulation
(Note 7)
(Fixed Output Voltage)
ΔVLOAD
1mA < IOUT < 300mA
2.7V
≤ VIN ≤ 5.5V
--
--
1
%
Logic-Low Voltage VIL
0
--
0.6
EN Threshold
Logic-High Voltage VIH
1.6
--
5.5
V
Enable Pin Current
IEN
--
0.1
1
uA
Power Supply Rejection Rate
PSRR
IOUT = 100mA, f = 10kHz
--
−50
--
dB
Line Regulation
ΔVLINE
VIN = (VOUT + 0.5) to 5.5V,
IOUT = 1mA
--
0.01
0.2
%/V
Thermal Shutdown Temperature
TSD
--
170
--
Thermal Shutdown Hysteresis
ΔTSD
--
30
--
°C
(VIN = VOUT + 0.5V, VEN = VIN, CIN = COUT = 1uF/X7R (Ceramic), TA = 25
°C, unless otherwise specified)


Similar Part No. - RT9013B-2HPU5

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013 RICHTEK-RT9013 Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-12GB RICHTEK-RT9013-12GB Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-12GQW RICHTEK-RT9013-12GQW Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-12GU5 RICHTEK-RT9013-12GU5 Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-12PB RICHTEK-RT9013-12PB Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
More results

Similar Description - RT9013B-2HPU5

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013 RICHTEK-RT9013 Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013A RICHTEK-RT9013A Datasheet
189Kb / 10P
   120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
logo
Eutech Microelectronics...
EUP7913 EUTECH-EUP7913 Datasheet
429Kb / 11P
   300mA Low-Noise LDO Without Bypass Capacitor
logo
AiT Semiconductor Inc.
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6303C AITSEMI-A6303C Datasheet
1,009Kb / 14P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6303D AITSEMI-A6303D Datasheet
1Mb / 13P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
logo
Richtek Technology Corp...
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
   300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com