Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9198-26PBR Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9198-26PBR
Description  300mA, Thermal Folded Back CMOS LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9198-26PBR Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9198-26PBR Datasheet HTML 1Page - Richtek Technology Corporation RT9198-26PBR Datasheet HTML 2Page - Richtek Technology Corporation RT9198-26PBR Datasheet HTML 3Page - Richtek Technology Corporation RT9198-26PBR Datasheet HTML 4Page - Richtek Technology Corporation RT9198-26PBR Datasheet HTML 5Page - Richtek Technology Corporation RT9198-26PBR Datasheet HTML 6Page - Richtek Technology Corporation RT9198-26PBR Datasheet HTML 7Page - Richtek Technology Corporation RT9198-26PBR Datasheet HTML 8Page - Richtek Technology Corporation RT9198-26PBR Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RT9198T
3
DS9198T-04 April 2011
www.richtek.com
Absolute Maximum Ratings (Note 1)
Supply Input Voltage ---------------------------------------------------------------------------------------------------- 6V
Power Dissipation, PD @ TA = 25
°C
SOT-23-3 ------------------------------------------------------------------------------------------------------------------- 0.4W
SOT-23-5 ------------------------------------------------------------------------------------------------------------------- 0.4W
SC-70-5 -------------------------------------------------------------------------------------------------------------------- 0.3W
Package Thermal Resistance (Note 2)
SOT-23-3,
θJA ------------------------------------------------------------------------------------------------------------- 250°C/W
SOT-23-5,
θJA ------------------------------------------------------------------------------------------------------------- 250°C/W
SC-70-5,
θJA--------------------------------------------------------------------------------------------------------------- 333°C/W
Junction Temperature --------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------------------- 260
°C
Storage Temperature Range -------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) --------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ---------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
Supply Input Voltage ---------------------------------------------------------------------------------------------------- 2.5V to 5.5V
Operation Ambient Temperature Range -----------------------------------------------------------------------------
−40°C to 85°C
Operation Junction Temperature Range -----------------------------------------------------------------------------
−40°C to 125°C
Electrical Characteristics
(VIN = VOUT + 1V, CIN = COUT = 1uF, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage Accuracy
ΔVOUT
IOUT = 1mA
−2
--
+2
%
Current Limit
ILIM
RLOAD = 1Ω
360
400
--
mA
Quiescent Current
IQ
VEN >= 1.2V, IOUT = 0mA
--
90
130
uA
IOUT = 200mA
--
170
200
Dropout Voltage
(Note 5)
VDROP
IOUT = 300mA
--
220
330
mV
Line Regulation
ΔVLINE
VIN = (VOUT + 1V) to 5.5V,
IOUT = 1mA
--
--
0.3
%
Load Regulation
ΔVLOAD 1mA < IOUT < 300mA
--
--
0.6
%
Standby Current
ISTBY
VEN = GND, Shutdown
--
0.01
1
uA
EN Input Bias Current
IIBSD
VEN = GND or VIN
--
0
100
nA
Logic-Low Voltage VIL
VIN = 3V to 5.5V, Shutdown
--
--
0.4
EN Threshold
Logic-High Voltage VIH
VIN = 3V to 5.5V, Start-Up
1.2
--
--
V
f = 100Hz
--
−60
--
Power Supply
Rejection Rate
f = 10kHz
PSRR
COUT = 1uF, IOUT = 100mA
--
−30
--
dB
Thermal Shutdown Temperature
TSD
--
165
--
°C
Thermal Shutdown Temperature
Hysteresis
ΔTSD
--
30
--
°C
Thermal Folded Back
--
110
--
°C


Similar Part No. - RT9198-26PBR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9198-26PBR RICHTEK-RT9198-26PBR Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198-26PBR RICHTEK-RT9198-26PBR Datasheet
239Kb / 18P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198-26PBR RICHTEK-RT9198-26PBR Datasheet
275Kb / 18P
   Low-Noise for RF Application, Fast Response in Line/Load Transient
More results

Similar Description - RT9198-26PBR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
   300mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com