Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9013B-21GQWC Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9013B-21GQWC
Description  300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9013B-21GQWC Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9013B-21GQWC Datasheet HTML 1Page - Richtek Technology Corporation RT9013B-21GQWC Datasheet HTML 2Page - Richtek Technology Corporation RT9013B-21GQWC Datasheet HTML 3Page - Richtek Technology Corporation RT9013B-21GQWC Datasheet HTML 4Page - Richtek Technology Corporation RT9013B-21GQWC Datasheet HTML 5Page - Richtek Technology Corporation RT9013B-21GQWC Datasheet HTML 6Page - Richtek Technology Corporation RT9013B-21GQWC Datasheet HTML 7Page - Richtek Technology Corporation RT9013B-21GQWC Datasheet HTML 8Page - Richtek Technology Corporation RT9013B-21GQWC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT9013B
1
DS9013B-02 April 2011
www.richtek.com
Pin Configurations
Applications
CDMA/GSM Cellular Handsets
Portable Information Appliances
Laptop, Palmtops, Notebook Computers
Hand-Held Instruments
Mini PCI & PCI-Express Cards
PCMCIA & New Cards
300mA, Low Dropout, Low Noise Ultra-Fast Without
Bypass Capacitor CMOS LDO Regulator
Ordering Information
General Description
The RT9013B is a high-performance, 300mALDO regulator,
offering extremely high PSRR and ultra-low dropout. The
RT9013B is Ideal for portable RF and wireless applications
with demanding performance and space requirements.
The RT9013B provides quiescent current to be as low as
25uA to extend the battery life. The RT9013B also works
with low-ESR ceramic capacitors, reducing the amount of
board space necessary for power applications, especially
for hand-held wireless devices.
The RT9013B consumes typical 0.7uA in shutdown mode
and has fast turn-on time to be less than 40us. The other
features include ultra-low dropout voltage, high output
accuracy, current limiting protection, and high ripple
rejection ratio. The RT9013B is available in the SC-70-5
and WDFN-6L 1.6x1.6 packages.
(TOP VIEW)
Features
Wide Operating Voltage Range : 2.2V to 5.5V
Low Dropout : 150mV at 300mA
Ultra-Low-Noise for RF Application
Ultra-Fast in Line/Load Transient Response
Current Limiting Protection
Thermal Shutdown Protection
High Power Supply Rejection Ratio
Only 1uF Output Capacitor Required for Stability
TTL-Logic-Controlled Shutdown Input
RoHS Compliant and 100% Lead (Pb)-Free
SC-70-5
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
WDFN-6L 1.6x1.6
EN
VIN
NC
VOUT
NC
GND
1
2
3
5
4
6
7
VOUT
GND
NC
VIN
EN
23
54
RT9013B
Package Type
U5 : SC-70-5
QWC : WDFN-6L 1.6x1.6 (W-Type)
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)
Fixed Output Voltage
12 : 1.2V
13 : 1.3V
:
34 : 3.4V
35 : 3.5V
1B : 1.25V
1H : 1.85V
2H : 2.85V
-


Similar Part No. - RT9013B-21GQWC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013 RICHTEK-RT9013 Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-12GB RICHTEK-RT9013-12GB Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-12GQW RICHTEK-RT9013-12GQW Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-12GU5 RICHTEK-RT9013-12GU5 Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-12PB RICHTEK-RT9013-12PB Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
More results

Similar Description - RT9013B-21GQWC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013 RICHTEK-RT9013 Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013A RICHTEK-RT9013A Datasheet
189Kb / 10P
   120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
logo
Eutech Microelectronics...
EUP7913 EUTECH-EUP7913 Datasheet
429Kb / 11P
   300mA Low-Noise LDO Without Bypass Capacitor
logo
AiT Semiconductor Inc.
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6303C AITSEMI-A6303C Datasheet
1,009Kb / 14P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6303D AITSEMI-A6303D Datasheet
1Mb / 13P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
logo
Richtek Technology Corp...
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
   300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com