Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ILX703A Datasheet(PDF) 3 Page - Sony Corporation

Part No. ILX703A
Description  2048-pixel CCD Linear Image Sensor (B/W) with Shutter Function
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX703A Datasheet(HTML) 3 Page - Sony Corporation

  ILX703A Datasheet HTML 1Page - Sony Corporation ILX703A Datasheet HTML 2Page - Sony Corporation ILX703A Datasheet HTML 3Page - Sony Corporation ILX703A Datasheet HTML 4Page - Sony Corporation ILX703A Datasheet HTML 5Page - Sony Corporation ILX703A Datasheet HTML 6Page - Sony Corporation ILX703A Datasheet HTML 7Page - Sony Corporation ILX703A Datasheet HTML 8Page - Sony Corporation ILX703A Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
– 3 –
ILX703A
Pin Description
Pin No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
Symbol
VOUT
GND
GND
SHSW
φCLK
VDD1
GND
VDD2
SHUT
NC
φROG
GND
NC
NC
VDD1
GND
GND
VGG
RSSW
VDD1
EXRS
VDD2
Description
Signal output
GND
GND
with S/H
→ GND
Switch
without S/H
→ VDD2
Clock pulse
9V power supply
GND
5V power supply
Shutter pulse
NC
Clock pulse
GND
NC
NC
9V power supply
GND
GND
Output circuit gate bias
Reset pulse swithover pin
(External RS
→ VDD2, Internal RS → GND)
9V power supply
RS input pin during external RS pulse usage
5V power supply
{


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn