Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9013B-35PQWA Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9013B-35PQWA
Description  300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9013B-35PQWA Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9013B-35PQWA Datasheet HTML 1Page - Richtek Technology Corporation RT9013B-35PQWA Datasheet HTML 2Page - Richtek Technology Corporation RT9013B-35PQWA Datasheet HTML 3Page - Richtek Technology Corporation RT9013B-35PQWA Datasheet HTML 4Page - Richtek Technology Corporation RT9013B-35PQWA Datasheet HTML 5Page - Richtek Technology Corporation RT9013B-35PQWA Datasheet HTML 6Page - Richtek Technology Corporation RT9013B-35PQWA Datasheet HTML 7Page - Richtek Technology Corporation RT9013B-35PQWA Datasheet HTML 8Page - Richtek Technology Corporation RT9013B-35PQWA Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RT9013B
5
DS9013B-02 April 2011
www.richtek.com
Typical Operating Characteristics
Output Voltage vs. Temperature
1.40
1.42
1.44
1.46
1.48
1.50
1.52
1.54
1.56
1.58
1.60
-50
-25
0
25
50
75
100
125
Temperature
VIN = 2.5V
(
°C)
(CIN = COUT = 1
μ/X7R, unless otherwise specified)
Quiescent Current vs. Temperature
10
12
14
16
18
20
22
24
26
28
30
-50
-25
0
25
50
75
100
125
Temperature
VIN = 2.5V
(
°C)
VIN = 2.5V, ILOAD = 50mA
EN Pin Shutdown Response
Time (100
μs/Div)
4
2
0
2
1
0
RT9013B-15PU5
VIN = 2.5V, ILOAD = 75mA
Start Up
Time (5
μs/Div)
4
2
0
1.0
0.5
0
RT9013B-15PU5
VIN = 2.6V to 3.6V, ILOAD = 10mA
Line Transient Response
Time (100
μs/Div)
3.6
2.6
20
0
-20
RT9013B-15PU5
Dropout Voltage vs. Load Current
0
20
40
60
80
100
120
140
160
180
200
0
50
100
150
200
250
300
Load Current (mA)
VOUT = 2.5V
125°C
25°C
−40°C


Similar Part No. - RT9013B-35PQWA

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013 RICHTEK-RT9013 Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-12GB RICHTEK-RT9013-12GB Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-12GQW RICHTEK-RT9013-12GQW Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-12GU5 RICHTEK-RT9013-12GU5 Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-12PB RICHTEK-RT9013-12PB Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
More results

Similar Description - RT9013B-35PQWA

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013 RICHTEK-RT9013 Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013A RICHTEK-RT9013A Datasheet
189Kb / 10P
   120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
logo
Eutech Microelectronics...
EUP7913 EUTECH-EUP7913 Datasheet
429Kb / 11P
   300mA Low-Noise LDO Without Bypass Capacitor
logo
AiT Semiconductor Inc.
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6303C AITSEMI-A6303C Datasheet
1,009Kb / 14P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6303D AITSEMI-A6303D Datasheet
1Mb / 13P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
logo
Richtek Technology Corp...
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
   300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com