Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9013-31GB Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9013-31GB
Description  300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9013-31GB Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9013-31GB Datasheet HTML 2Page - Richtek Technology Corporation RT9013-31GB Datasheet HTML 3Page - Richtek Technology Corporation RT9013-31GB Datasheet HTML 4Page - Richtek Technology Corporation RT9013-31GB Datasheet HTML 5Page - Richtek Technology Corporation RT9013-31GB Datasheet HTML 6Page - Richtek Technology Corporation RT9013-31GB Datasheet HTML 7Page - Richtek Technology Corporation RT9013-31GB Datasheet HTML 8Page - Richtek Technology Corporation RT9013-31GB Datasheet HTML 9Page - Richtek Technology Corporation RT9013-31GB Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RT9013B
7
DS9013B-02 April 2011
www.richtek.com
Applications Information
Like any low-dropout regulator, the external capacitors used
with the RT9013B must be carefully selected for regulator
stability and performance. Using a capacitor whose value
is > 1uF / X7R on the RT9013B input and the amount of
capacitance can be increased without limit. The input
capacitor must be located at a distance of not more than
0.5 inch from the input pin of the IC and returned to a clean
analog ground. Any good quality ceramic can be used for
this capacitor. The capacitor with larger value and lower
ESR (equivalent series resistance) provides better PSRR
and line-transient response.
The output capacitor must meet both requirements for
minimum amount of capacitance and ESR in all LDOs
application. The RT9013B is designed specifically to work
with low ESR ceramic output capacitor in space-saving
and performance consideration. Using a ceramic capacitor
whose value is at least 1uF with ESR is > 20m
Ω on the
RT9013B output ensures stability. The RT9013B still works
well with output capacitor of other types due to the wide
stable ESR range. Figure 1. shows the curves of allowable
ESR range as a function of load current for various output
capacitor values. Output capacitor of larger capacitance
can reduce noise and improve load transient response,
stability, and PSRR. The output capacitor should be located
not more than 0.5 inch from the VOUT pin of the RT9013B
and returned to a clean analog ground.
×
=
ΔSupply
Error
ΔGain
log
20
PSRR
Figure 1
Enable
The RT9013B goes into sleep mode when the EN pin is in
a logic low condition. During this condition, the RT9013B
has an EN pin to turn on or turn off the regulator, When the
EN pin is logic hight the regulator will be turned on. The
supply current to 0.7uA typical. The EN pin may be directly
tied to VIN to keep the part on. The Enable input is CMOS
logic and cannot be left floating.
PSRR
The power supply rejection ratio (PSRR) is defined as the
gain from the input to output divided by the gain from the
supply to the output. The PSRR is found to be
Note that in heavy load measuring,
Δsupply will cause
Δtemperature. And Δtemperature will cause Δoutput
voltage. So the temperature effect is include in heavy load
PSRR measuring.
Current Limit
The RT9013B contains an independent current limiter, which
monitors and controls the pass transistor's gate voltage,
limiting the output current to 0.4A (typ.). The output can
be shorted to ground indefinitely without damaging the part.
Thermal Considerations
Thermal protection limits power dissipation in the RT9013B.
When the operation junction temperature exceeds 170
°C,
the OTP circuit starts the thermal shutdown function and
turns the pass element off. The pass element will be turned
on again after the junction temperature cools by 30
°C.
For continuous operation, do not exceed absolute
maximum operation junction temperature 125
°C. The
power dissipation definition in the device is calculated as
follows :
PD = (VIN
− VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
Region of Stable COUT ESR vs. Load Current
0.001
0.01
0.1
1
10
100
0
50
100
150
200
250
300
Load Current (mA)
VIN = 5V
CIN = COUT = 1uF/X7R
Stable Range
Unstable Range
Unstable Range


Similar Part No. - RT9013-31GB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013-31GB RICHTEK-RT9013-31GB Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-31GB RICHTEK-RT9013-31GB Datasheet
189Kb / 10P
   120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
More results

Similar Description - RT9013-31GB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013 RICHTEK-RT9013 Datasheet
300Kb / 12P
   500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013A RICHTEK-RT9013A Datasheet
189Kb / 10P
   120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
logo
Eutech Microelectronics...
EUP7913 EUTECH-EUP7913 Datasheet
429Kb / 11P
   300mA Low-Noise LDO Without Bypass Capacitor
logo
AiT Semiconductor Inc.
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6303C AITSEMI-A6303C Datasheet
1,009Kb / 14P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6303D AITSEMI-A6303D Datasheet
1Mb / 13P
   CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
logo
Richtek Technology Corp...
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
   300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com