Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9166-33GV Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9166-33GV
Description  600mA, Ultra-Fast Transient Response Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9166-33GV Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9166-33GV Datasheet HTML 1Page - Richtek Technology Corporation RT9166-33GV Datasheet HTML 2Page - Richtek Technology Corporation RT9166-33GV Datasheet HTML 3Page - Richtek Technology Corporation RT9166-33GV Datasheet HTML 4Page - Richtek Technology Corporation RT9166-33GV Datasheet HTML 5Page - Richtek Technology Corporation RT9166-33GV Datasheet HTML 6Page - Richtek Technology Corporation RT9166-33GV Datasheet HTML 7Page - Richtek Technology Corporation RT9166-33GV Datasheet HTML 8Page - Richtek Technology Corporation RT9166-33GV Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
DS9166B-01 April 2011
www.richtek.com
RT9166B
Typical Operating Characteristics
Output Voltage vs. Input Voltage
1.15
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
1.25
2.8
3.1
3.4
3.7
4.0
4.3
4.6
4.9
5.2
5.5
Input Voltage (V)
IOUT = 0A
Quiescent Current vs. Temperature
150
160
170
180
190
200
210
220
230
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 3.3V, VOUT = 1.2V, IOUT = 0A
Current Limit vs. Temperature
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 3.3V, VOUT = 1.2V
Current Limit vs. Input Voltage
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
2.8
3.1
3.4
3.7
4.0
4.3
4.6
4.9
5.2
5.5
Input Voltage (V)
VOUT = 1.2V
Quiescent Current vs. Input Voltage
150
160
170
180
190
200
210
220
230
2.8
3.1
3.4
3.7
4.0
4.3
4.6
4.9
5.2
5.5
Input Voltage (V)
VOUT = 1.2V, IOUT = 0A
Output Voltage vs. Temperature
1.15
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
1.25
-50
-25
0
255075
100
125
Temperature (°C)
VIN = 3.3V, IOUT = 0A


Similar Part No. - RT9166-33GV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9166-33GV RICHTEK-RT9166-33GV Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
RT9166-33GV RICHTEK-RT9166-33GV Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9166-33GV RICHTEK-RT9166-33GV Datasheet
260Kb / 10P
   300/500mA Low Dropout Linear Voltage Regulator
RT9166-33GV RICHTEK-RT9166-33GV Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
List of Unclassifed Man...
RT9166-33GVL ETC1-RT9166-33GVL Datasheet
198Kb / 14P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
More results

Similar Description - RT9166-33GV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
logo
ACE Technology Co., LTD...
ACE5227C ACE-ACE5227C Datasheet
558Kb / 9P
   600mA Fast Response Linear Regulator
VER 1.1
logo
Richtek Technology Corp...
RT9166 RICHTEK-RT9166 Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
List of Unclassifed Man...
RT9166 ETC1-RT9166 Datasheet
198Kb / 14P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9166 RICHTEK-RT9166_08 Datasheet
193Kb / 15P
   300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
List of Unclassifed Man...
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
   Fast Transient Response Linear Regulator
PS22922 ETC2-PS22922 Datasheet
426Kb / 8P
   Fast Transient Response Linear Regulator
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177_18 Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
logo
ARTSCHIP ELECTRONICS CO...
2N2220 ARTSCHIP-2N2220 Datasheet
84Kb / 2P
   Ultra-Fast Transient Response LDO Regulator
logo
Monolithic Power System...
EVQ20056-G-00A MPS-EVQ20056-G-00A Datasheet
696Kb / 6P
   Fast Transient Response, Ultra-Small 250mA Linear Regulator EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com