Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEM9P Datasheet(PDF) 41 Page - ITT Industries

Part # DEM9P
Description  D Subminiature Connectors
Download  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM9P Datasheet(HTML) 41 Page - ITT Industries

Back Button DEM9P Datasheet HTML 37Page - ITT Industries DEM9P Datasheet HTML 38Page - ITT Industries DEM9P Datasheet HTML 39Page - ITT Industries DEM9P Datasheet HTML 40Page - ITT Industries DEM9P Datasheet HTML 41Page - ITT Industries DEM9P Datasheet HTML 42Page - ITT Industries DEM9P Datasheet HTML 43Page - ITT Industries DEM9P Datasheet HTML 44Page - ITT Industries DEM9P Datasheet HTML 45Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
40
D Subminiature
D*W
Shield Can Kit
Ferrule
D*W
X Cable
Ferrule
X A
Ferrule
Part Number
Crimp Tool
Part Number
Crimp Tool
Position
DEW9G
4,8-5,5
6,25 (.246)
304-8810-000
D115433-1
B
5,5-6,2
6,25 (.246)
304-8810-000
D115433-1
A
6,2-7,2
8,20 (.323)
304-8811-000
D115433-2
B
7,2-8,2
8,20 (.323)
304-8811-000
D115433-2
A
8,2-9,5
11,50 (.452)
304-8812-000
D115433-3
B
9,5-11,1
11,50 (.452)
304-8813-000
D115433-3
A
DBW25G
4,8-5,5
6,25 (.246)
304-8810-000
D115433-1
B
5,5-6,2
6,25 (.246)
304-8810-000
D115433-1
A
6,2-7,2
8,20 (.323)
304-8811-000
D115433-2
B
7,2-8,2
8,20 (.323)
304-8811-000
D115433-2
A
8,2-9,5
11,50 (.452)
304-8812-000
D115433-3
B
9,5-11,1
11,50 (.452)
304-8813-000
D115433-3
A
Ferrule
Wire Trim Dimensions
Crimp Tool Positions
FERRULE
CABLE
60
°
38,80(1.528)
32,60(1.283)
16,70
(.657)
39,80
(1.567)
FERRULE, MUST
BE PURCHASED
SEPARATELY.
Materials and Finishes
Shield Can and Ferrule
Material:
Steel
Finish:
Tin
11,25(.443)
Ø A
Ø 11,10(.437)
10,00(.394)
50,00 (1.969)
FERRULE
CABLE
35,00
(1.378)
WIRES
BRAID
Ø10,00
(.394)
10,10
(.398)


Similar Part No. - DEM9P

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
DEM-211-C ATGBICS-DEM-211-C Datasheet
339Kb / 10P
   DEM-211 D-Link Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
DEM-310GT-C ATGBICS-DEM-310GT-C Datasheet
322Kb / 9P
   DEM-310GT D-Link Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
DEM-311GT-C ATGBICS-DEM-311GT-C Datasheet
293Kb / 8P
   DEM-311GT D-Link Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
DEM-314GT-C ATGBICS-DEM-314GT-C Datasheet
285Kb / 8P
   DEM-314GT D-Link Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
DEM-315GT-C ATGBICS-DEM-315GT-C Datasheet
285Kb / 8P
   DEM-315GT D-Link Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
More results

Similar Description - DEM9P

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
ITT Industries
053515-1342 ITT-053515-1342 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0016 ITT-051528-0016 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com