Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2515A Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT2515A
Description  2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2515A Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT2515A Datasheet HTML 1Page - Richtek Technology Corporation RT2515A Datasheet HTML 2Page - Richtek Technology Corporation RT2515A Datasheet HTML 3Page - Richtek Technology Corporation RT2515A Datasheet HTML 4Page - Richtek Technology Corporation RT2515A Datasheet HTML 5Page - Richtek Technology Corporation RT2515A Datasheet HTML 6Page - Richtek Technology Corporation RT2515A Datasheet HTML 7Page - Richtek Technology Corporation RT2515A Datasheet HTML 8Page - Richtek Technology Corporation RT2515A Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RT2515A
5
DS2515A-02
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Quiescent Current vs. Temperature
0.35
0.55
0.75
0.95
1.15
-50-25
0
25
50
75100
125
Temperature (°C)
VIN = 3.3V
VIN = 5V
VOUT = 2.52V
UVLO vs. Temperature
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
-50-25
0
25
50
75100
125
Temperature (°C)
VEN = 5V
Logic-Low
Logic-High
Shutdown Current vs. Temperature
0.30
0.45
0.60
0.75
0.90
1.05
1.20
-50-25
0
25
50
75100
125
Temperature (°C)
VIN = 3.3V
VIN = 5V
EN Threshold Voltage vs. Temperature
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V
Logic-Low
Logic-High
Dropout Voltage vs. Load Current
0
50
100
150
200
250
300
350
00.5
11.5
2
Load Current (A)
VOUT = 2.5V
125
°C
25
°C
−40°C
Reference Voltage vs. Temperature
0.480
0.485
0.490
0.495
0.500
0.505
0.510
0.515
0.520
-50
-25
0
255075
100
125
Temperature (°C)
VIN = 3.3V
VIN = 5V


Similar Part No. - RT2515A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2515H RICHTEK-RT2515H Datasheet
260Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
More results

Similar Description - RT2515A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9048 RICHTEK-RT9048 Datasheet
240Kb / 10P
   2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
June 2019
RT2515H RICHTEK-RT2515H Datasheet
260Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
RTQ2516-QT RICHTEK-RTQ2516-QT Datasheet
246Kb / 12P
   2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
RT2516 RICHTEK-RT2516 Datasheet
258Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
   2A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G9185 GMT-G9185 Datasheet
37Kb / 1P
   2A Low Input /Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8809 UPI-UP8809 Datasheet
199Kb / 14P
   2A Ultra Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6145B FITIPOWER-FP6145B Datasheet
641Kb / 10P
   2A Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com