Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74477120 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74477120
Description  POWER-CHOKE WE-PD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74477120 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74477120 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74477120 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74477120 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification :
A
12,7 ± 0,1
mm
B
16,0 ± 0,1
mm
C
24,0 ± 0,2
mm
+ 0,1
- 0,0
E
4,00 ± 0,1
mm
F
2,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
11,5 ± 0,1
mm
I
12,7 ± 0,1
mm
J
6,20 ± 0,1
mm
T
0,40 ± 0,05
mm
a
330,0 ± 0,5
mm
b
20,20 ± 0,2
mm
+ 0,5
- 1,0
d
100,0 ± 0,2
mm
SST
05-06-22
MST
04-10-11
MST
03-12-10
RT
03-03-03
MST
02-03-27
JH
00-12-06
Name
Datum / date
Version 5
Version 6
Version 1
Version 2
Version 3
Version 4
http://www.we-online.com
Geprüft / checked
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Änderung / modification
Würth Elektronik
.................................................
...........................................................
.................................................................................
..................................................................................
Datum / date
Unterschrift / signature
Gurtspezifikation / Tape specification:
Rollenspezifikation / Reel specification:
Freigabe erteilt / general release:
Kunde / customer
c
13,00
mm
Dmm
1,50
Spezifikation für Freigabe / specification for release
Kunde / customer :
Artikelnummer / part number :
74477120
SPEICHERDROSSEL WE-PD
POWER-CHOKE WE-PD
DATUM / DATE : 2005-06-22
J
I
T
Ø c
a
d
b
A
B
C
H
G
F
E
øD
The force for tearing off cover tape is
10 to 130 grams in arrow direction
165 to 180°
feeding direction
This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the field such as aerospace, aviation, nuclear
control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc. where higher safety and reliability are especially required
or if there is possibility of direct damage or injury to human body. In addition, even electronic component in general electronic equipments, when used in electrical circuits that require high safety, reliability functions or
performance, the sufficient reliability evaluation-check for the safety must be performed before use. It is essential to give consideration when to install a protective circuit at the design stage.
RoHS
compliant
LF
xxx
xxx
SEITE 3 VON 3


Similar Part No. - 74477120

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74477120W WURTH-74477120W Datasheet
238Kb / 3P
   Spezifikation f체r Freigabe / specification for release
More results

Similar Description - 74477120

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447709002 WURTH-7447709002 Datasheet
189Kb / 3P
   POWER-CHOKE WE-PD
7447715180 WURTH-7447715180 Datasheet
128Kb / 4P
   POWER-CHOKE WE-PD
7447715330 WURTH-7447715330 Datasheet
128Kb / 4P
   POWER-CHOKE WE-PD
7447715470 WURTH-7447715470 Datasheet
128Kb / 4P
   POWER-CHOKE WE-PD
7447715906 WURTH-7447715906 Datasheet
122Kb / 4P
   POWER-CHOKE WE-PD
7447779003 WURTH-7447779003 Datasheet
104Kb / 3P
   POWER-CHOKE WE-PD
7447779004 WURTH-7447779004 Datasheet
104Kb / 3P
   POWER-CHOKE WE-PD
7447785133 WURTH-7447785133 Datasheet
598Kb / 3P
   POWER-CHOKE WE-PD
7447789147W WURTH-7447789147W Datasheet
279Kb / 3P
   POWER-CHOKE WE-PD
744770282 WURTH-744770282 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD
744770222 WURTH-744770222 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com