Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILX550K Datasheet(PDF) 3 Page - Sony Corporation

Part # ILX550K
Description  10680 pixel X 3 line CCD Linear Sensor (Color)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX550K Datasheet(HTML) 3 Page - Sony Corporation

  ILX550K Datasheet HTML 1Page - Sony Corporation ILX550K Datasheet HTML 2Page - Sony Corporation ILX550K Datasheet HTML 3Page - Sony Corporation ILX550K Datasheet HTML 4Page - Sony Corporation ILX550K Datasheet HTML 5Page - Sony Corporation ILX550K Datasheet HTML 6Page - Sony Corporation ILX550K Datasheet HTML 7Page - Sony Corporation ILX550K Datasheet HTML 8Page - Sony Corporation ILX550K Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
– 3 –
ILX550K
Unit
%
V
mV
mV
%
mA
%
V
Remarks
Note 3
Note 4
Note 8
Max.
3.6
4.5
3.5
20
5
12
50
Typ.
2.7
3.3
2.6
4
2.5
0.93
0.76
0.96
2
4
0.02
25
98
450
7.3
Min.
1.8
2.1
1.7
2
0.56
0.44
0.57
92
Symbol
RR
RG
RB
PRNU
VSAT
SER
SEG
SEB
VDRK
DSNU
IL
IVDD
TTE
Zo
VOS
Item
Sensitivity nonuniformity
Saturation output voltage
Dark voltage average
Dark signal nonuniformity
Image lag
Supply current
Total transfer efficiency
Output impedance
Offset level
Electrooptical Characteristics (Note 1)
(Ta = 25°C, VDD = 12V, f
φRS = 1MHz, Input clock = 5Vp-p, Light source = 3200K, IR cut filter CM-500S (t = 1.0mm))
Notes)
1. In accordance with the given electrooptical characteristics, the black level is defined as the average value
of D18, D19 to D67.
2. For the sensitivity test light is applied with a uniform intensity of illumination.
3. PRNU is defined as indicated below. Ray incidence conditions are the same as for Note 2.
VOUT-G = 500mV (Typ.)
PRNU =
× 100 [%]
Where the 5340 pixels are divided into blocks of 100, the maximum output of each block is set to VMAX, the
minimum output to VMIN and the average output to VAVE.
4. Use below the minimum value of the saturation output voltage.
5. Saturation exposure is defined as follows.
SE =
Where R indicates RR, RG, RB, and SE indicates SER, SEG, SEB.
6. Optical signal accumulated time
τint stands at 5.5ms.
7. VOUT-G = 500mV (Typ.)
8. Vos is defined as indicated below.
VOUT indicates VOUT-R, VOUT-G and VOUT-B.
(VMAX – VMIN)/2
VAVE
VSAT
R
Sensitivity
Saturation exposure
Red
Green
Blue
Red
Green
Blue
V/(lx · s)
Note 2
lx · s
Note 5
Note 6
Note 6
Note 7
VOS
VOUT
GND


Similar Part No. - ILX550K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX551A SONY-ILX551A Datasheet
130Kb / 10P
   2048-pixel CCD Linear Sensor (B/W)
ILX551B SONY-ILX551B Datasheet
92Kb / 10P
   2048-pixel CCD Linear Sensor (B/W)
ILX553A SONY-ILX553A Datasheet
109Kb / 12P
   5150-pixel CCD Linear Sensor (B/W)
ILX553B SONY-ILX553B Datasheet
107Kb / 12P
   5150-pixel CCD Linear Sensor B W
ILX554 SONY-ILX554 Datasheet
109Kb / 13P
   2048-pixel CCD Linear Sensor (B/W) for Single 5V Power Supply Bar-code Reader
More results

Similar Description - ILX550K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX555K SONY-ILX555K Datasheet
104Kb / 11P
   10680 pixel 횞 3 line CCD Linear Sensor (Color)
ILX724KA SONY-ILX724KA Datasheet
133Kb / 12P
   2700-pixel X 3 line CCD Linear Sensor (Color)
ILX535K SONY-ILX535K Datasheet
132Kb / 11P
   5300 pixel X 3 line CCD Linear Sensor (Color)
ILX718K SONY-ILX718K Datasheet
142Kb / 12P
   5363-pixel X 3 line CCD Linear Sensor (Color)
ILX524KA SONY-ILX524KA Datasheet
119Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX518K SONY-ILX518K Datasheet
128Kb / 11P
   5363-pixel X 3 line CCD Linear Sensor (Color)
ILX115LA SONY-ILX115LA Datasheet
161Kb / 12P
   5000-pixel X 3 line CCD Linear Sensor (Color)
ILX533K SONY-ILX533K Datasheet
129Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533KB SONY-ILX533KB Datasheet
125Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
logo
NEC
UPD8871 NEC-UPD8871 Datasheet
168Kb / 24P
   10680 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com