Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si7114 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # Si7114
Description  6A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

Si7114 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  Si7114 Datasheet HTML 1Page - Richtek Technology Corporation Si7114 Datasheet HTML 2Page - Richtek Technology Corporation Si7114 Datasheet HTML 3Page - Richtek Technology Corporation Si7114 Datasheet HTML 4Page - Richtek Technology Corporation Si7114 Datasheet HTML 5Page - Richtek Technology Corporation Si7114 Datasheet HTML 6Page - Richtek Technology Corporation Si7114 Datasheet HTML 7Page - Richtek Technology Corporation Si7114 Datasheet HTML 8Page - Richtek Technology Corporation Si7114 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
DS8298-01
November 2011
www.richtek.com
RT8298
Copyright
2011 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Functional Pin Description
Pin No.
WDFN-14L 4x3
SOP-8
(Exposed Pad)
Pin Name
Pin Function
1
6
FB
Feedback Input. This pin is connected to the converter output. It
is used to set the output of the converter to regulate to the
desired value via an external resistive divider. The feedback
reference voltage is 0.808V typically.
2
--
PGOOD
Power Good Indicator with Open Drain. (for RT8298ZQW only)
A 100k
Ω pull-high resistor is needed. The output of this pin is
pulled to low when the FB is lower than 0.75V; otherwise it is
high impedance.
3
7
EN/SYNC
Enable
or External Frequency
Synchronization
Input. A
logic-high (2V < EN < 5.5V) enables the converter; a logic-low
forces the IC into shutdown mode reducing the supply current to
less than 3
μA. For external frequency synchronization operation,
the available frequency range is from 300kHz to 1.5MHz.
4, 5, 6
8
VIN
Power Input. The available input voltage range is from 4.5V to
24V. A 22
μF or larger input capacitor is needed to reduce
voltage spikes at the input.
7
--
NC
No Internal Connection.
8, 9, 10
1
SW
Switching Node. Output of the internal high side MOSFET.
Connect this pin to external low-side N-MOSFET, inductor and
bootstrap capacitor.
11
2
BOOT
Bootstrap for High side Gate Driver. Connect a 1
μF ceramic
capacitor between the BOOT pin and SW pin.
12
3
VCC
BG Driver Bias Supply. Decouple with a 1
μF X5R/X7R ceramic
capacitor between the VCC pin and GND.
13
4
BG
Gate Driver Output. Connect this pin to the gate of the external
low-side N-MOSFET.
14,
15 (Exposed Pad)
5,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and
connected to GND for maximum thermal dissipation.


Similar Part No. - Si7114

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI7114AD TFUNK-SI7114AD Datasheet
569Kb / 13P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7114ADN VISHAY-SI7114ADN Datasheet
142Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 03-Nov-08
SI7114ADN VISHAY-SI7114ADN Datasheet
569Kb / 12P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7114ADN-T1-GE3 VISHAY-SI7114ADN-T1-GE3 Datasheet
594Kb / 13P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7114ADN VISHAY-SI7114ADN_V01 Datasheet
569Kb / 12P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - Si7114

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7259 RICHTEK-RT7259 Datasheet
299Kb / 15P
   10A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
RT7258 RICHTEK-RT7258 Datasheet
330Kb / 18P
   8A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
logo
Monolithic Power System...
MP8666 MPS-MP8666 Datasheet
375Kb / 11P
   6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38872 MPS-MP38872 Datasheet
360Kb / 11P
   6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP8352 MPS-MP8352 Datasheet
341Kb / 12P
   3V-6V Input, 6A, 600kHz Step-Down Converter with Synchronizable Gate Driver
logo
Exar Corporation
SP7663 EXAR-SP7663_12 Datasheet
763Kb / 18P
   6A 600KHz Synchronous Step Down Regulator
logo
Monolithic Power System...
MP8765 MPS-MP8765 Datasheet
1Mb / 21P
   24V, 6A High Efficiency Synchronous Step-down Converter
MP38874 MPS-MP38874 Datasheet
633Kb / 11P
   8A, 21V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38870 MPS-MP38870 Datasheet
543Kb / 10P
   3A, 14V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38671 MPS-MP38671 Datasheet
393Kb / 11P
   10A, 25V, 600KHz Step-Down Converter with Synchronizable Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com