Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si7114 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # Si7114
Description  6A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

Si7114 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button Si7114 Datasheet HTML 5Page - Richtek Technology Corporation Si7114 Datasheet HTML 6Page - Richtek Technology Corporation Si7114 Datasheet HTML 7Page - Richtek Technology Corporation Si7114 Datasheet HTML 8Page - Richtek Technology Corporation Si7114 Datasheet HTML 9Page - Richtek Technology Corporation Si7114 Datasheet HTML 10Page - Richtek Technology Corporation Si7114 Datasheet HTML 11Page - Richtek Technology Corporation Si7114 Datasheet HTML 12Page - Richtek Technology Corporation Si7114 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
DS8298-01
November 2011
www.richtek.com
RT8298
Copyright
2011 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Current Limit vs. Temperature
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 12V, VOUT = 3.3V
Time (2.5ms/Div)
Power On from VIN
VIN = 12V, VOUT = 3.3V, IOUT = 6A
VOUT
(2V/Div)
VIN
(5V/Div)
IL
(5A/Div)
Time (1
μs/Div)
Output Ripple Voltage
VOUT
(10mV/Div)
VSW
(10V/Div)
IL
(5A/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 6A
Time (1
μs/Div)
Output Ripple Voltage
VOUT
(10mV/Div)
VSW
(10V/Div)
IL
(2A/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 3A
Time (250
μs/Div)
Load Transient Response
VOUT
(100mV/Div)
IOUT
(5A/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 0A to 6A
Time (250
μs/Div)
Load Transient Response
VOUT
(100mV/Div)
IOUT
(5A/Div)
VIN = 12V, VOUT = 3.3V, IOUT = 3A to 6A


Similar Part No. - Si7114

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI7114AD TFUNK-SI7114AD Datasheet
569Kb / 13P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7114ADN VISHAY-SI7114ADN Datasheet
142Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 03-Nov-08
SI7114ADN VISHAY-SI7114ADN Datasheet
569Kb / 12P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7114ADN-T1-GE3 VISHAY-SI7114ADN-T1-GE3 Datasheet
594Kb / 13P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7114ADN VISHAY-SI7114ADN_V01 Datasheet
569Kb / 12P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - Si7114

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7259 RICHTEK-RT7259 Datasheet
299Kb / 15P
   10A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
RT7258 RICHTEK-RT7258 Datasheet
330Kb / 18P
   8A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
logo
Monolithic Power System...
MP8666 MPS-MP8666 Datasheet
375Kb / 11P
   6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38872 MPS-MP38872 Datasheet
360Kb / 11P
   6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP8352 MPS-MP8352 Datasheet
341Kb / 12P
   3V-6V Input, 6A, 600kHz Step-Down Converter with Synchronizable Gate Driver
logo
Exar Corporation
SP7663 EXAR-SP7663_12 Datasheet
763Kb / 18P
   6A 600KHz Synchronous Step Down Regulator
logo
Monolithic Power System...
MP8765 MPS-MP8765 Datasheet
1Mb / 21P
   24V, 6A High Efficiency Synchronous Step-down Converter
MP38874 MPS-MP38874 Datasheet
633Kb / 11P
   8A, 21V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38870 MPS-MP38870 Datasheet
543Kb / 10P
   3A, 14V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38671 MPS-MP38671 Datasheet
393Kb / 11P
   10A, 25V, 600KHz Step-Down Converter with Synchronizable Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com