Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMK316BJ106ML Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # TMK316BJ106ML
Description  2A, 23V, 1.2MHz Synchronous Step-Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

TMK316BJ106ML Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button TMK316BJ106ML Datasheet HTML 5Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 6Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 7Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 8Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 9Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 10Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 11Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 12Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
RT8295B
9
DS8295B-03
March 2011
www.richtek.com
Application Information
The RT8295B is a synchronous high voltage buck converter
that can support the input voltage range from 4.5V to 23V
while providing output current up to 2A.
Output Voltage Setting
The resistive voltage divider allows the FB pin to sense
the output voltage as shown in Figure 1.
Figure 1. Output Voltage Setting
The output voltage is set by an external resistive voltage
divider according to the following equation :

+


OUT
FB
R1
V
= V1
R2
where VFB is the feedback reference voltage (0.8V typ.).
External Bootstrap Diode
Connect a 100nF low ESR ceramic capacitor between
the BOOT pin and SW pin. This capacitor provides the
gate driver voltage for the high side MOSFET.
It is recommended to add an external bootstrap diode
between an external 5V and BOOT pin for efficiency
improvement when input voltage is lower than 5.5V or duty
ratio is higher than 65% .The bootstrap diode can be a
low cost one such as IN4148 or BAT54. The external 5V
can be a 5V fixed input from system or a 5V output of the
RT8295B. Note that the external boot voltage must be
lower than 5.5V.
Figure 2. External Bootstrap Diode
Soft-Start
The RT8295B contains an external soft-start clamp that
gradually raises the output voltage. The soft-start timing
can be programmed by the external capacitor between
SS pin and GND. The chip provides a 6
µA charge current
for the external capacitor. If 0.1
µF capacitor is used to set
the soft-start, the period will be 13.5ms(typ.).
Chip Enable Operation
The EN pin is the chip enable input. Pulling the EN pin
low (<0.4V) will shut down the device. During shutdown
mode, the RT8295B quiescent current will drops below
3
µA. Driving the EN pin high (>2.7V, < 5.5V) will turn on
the device again. For external timing control (e.g.RC),
the EN pin can also be externally pulled high by adding a
REN* resistor and CEN* capacitor from the VIN pin
(see Figure 5).
An external MOSFET can be added to implement digital
control on the EN pin when no system voltage above 2.5V
is available, as shown in Figure 3. In this case, a 100k
pull-up resistor, REN, is connected between VIN and the
EN pin. MOSFET Q1 will be under logic control to pull
down the EN pin.
Figure 3. Enable Control Circuit for Logic Control with
Low Voltage.
To prevent enabling circuit when VIN is smaller than the
VOUT target value, a resistive voltage divider can be placed
between the input voltage and ground and connected to
the EN pin to adjust IC lockout threshold, as shown in
Figure 4. For example, if an 8V output voltage is regulated
from a 12V input voltage, the resistor, REN2, can be
selected to set input lockout threshold larger than 8V.
RT8295B
GND
FB
R1
R2
VOUT
SW
BOOT
5V
RT8295B
100nF
VIN
EN
GND
BOOT
FB
SW
7
5
2
3
1
L
R1
R2
VOUT
Chip Enable
VIN
RT8295B
SS
8
CSS
COMP
CC
RC
CP
6
CBOOT
COUT
CIN
REN
Q1
100k
4,
9 (Exposed Pad)


Similar Part No. - TMK316BJ106ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
205Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
299Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - TMK316BJ106ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8282B RICHTEK-RT8282B Datasheet
204Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8292B RICHTEK-RT8292B Datasheet
298Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8283B RICHTEK-RT8283B Datasheet
205Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8296B RICHTEK-RT8296B Datasheet
290Kb / 15P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8293B RICHTEK-RT8293B Datasheet
289Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Analog Intergrations Co...
AIC2857F AIC-AIC2857F Datasheet
514Kb / 12P
   2A 23V Synchronous Step-Down Converter
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
   1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
   2A, 1.2MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com