Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3225X5R1C22M Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # C3225X5R1C22M
Description  3A, 23V, 340kHz Synchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C3225X5R1C22M Datasheet(HTML) 4 Page - Richtek Technology Corporation

  C3225X5R1C22M Datasheet HTML 1Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 2Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 3Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 4Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 5Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 6Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 7Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 8Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
RT8293A
4
DS8293A-03 March 2011
www.richtek.com
Electrical Characteristics
(VIN = 12V, TA = 25
°C, unless otherwise specified)
Absolute Maximum Ratings
(Note 1)
l
Supply Voltage, VIN ----------------------------------------------------------------------------------------
−0.3V to 25V
l
Input Voltage, SW ------------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
l
VBOOT
− VSW ------------------------------------------------------------------------------------------------- −0.3V to 6V
l
Other Pins Voltage ------------------------------------------------------------------------------------------
−0.3V to 6V
l
Power Dissipation, PD @ TA = 25
°C
SOP-8 (Exposed Pad) ------------------------------------------------------------------------------------- 1.333W
l
Package Thermal Resistance (Note 2)
SOP-8 (Exposed Pad),
θJA-------------------------------------------------------------------------------- 75°C/W
SOP-8
(Εxposed Pad), θJC ------------------------------------------------------------------------------- 15°C/W
l
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------- 260
°C
l
Junction Temperature -------------------------------------------------------------------------------------- 150
°C
l
Storage Temperature Range ------------------------------------------------------------------------------
−65°C to 150°C
l
ESD Susceptibility (Note 3)
HBM (Human Body Mode) -------------------------------------------------------------------------------- 2kV
MM (Machine Mode) --------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
l
Supply Voltage, VIN ---------------------------------------------------------------------------------------- 4.5V to 23V
l
Junction Temperature Range -----------------------------------------------------------------------------
−40°C to 125°C
l
Ambient Temperature Range -----------------------------------------------------------------------------
−40°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Shutdown Supply Current
VEN = 0V
--
0.5
3
µA
Supply Current
VEN = 3 V, VFB = 0.9V
--
0.8
1.2
mA
Feedback Voltage
VFB
4.5V
≤ VIN ≤ 23V
0.788
0.8
0.812
V
Error Amplifier
Transconductance
GEA
∆IC = ± 10µA
--
940
--
µA/V
High Side Switch
On-Resistance
RDS(ON)1
--
85
--
m
Low Side Switch
On-Resistance
RDS(ON)2
--
85
--
m
High Side Switch Leakage
Current
VEN = 0V, VSW = 0V
--
0
10
µA
Upper Switch Current Limit
Min. Duty Cycle, VBOOT− VSW = 4.8V
--
5.1
--
A
Lower Switch Current Limit
From Drain to Source
--
1.5
--
A
COMP to Current Sense
Transconductance
GCS
--
5.4
--
A/V
Oscillation Frequency
fOSC1
300
340
380
kHz
Short Circuit Oscillation
Frequency
fOSC2
VFB = 0V
--
100
--
kHz
Maximum Duty Cycle
DMAX
VFB = 0.7V
--
93
--
%
Minimum On Time
tON
--
100
--
ns
To be continued


Similar Part No. - C3225X5R1C22M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
289Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
263Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
275Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - C3225X5R1C22M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8250 RICHTEK-RT8250 Datasheet
207Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8253A RICHTEK-RT8253A Datasheet
227Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
EV1570DN-00A MPS-EV1570DN-00A Datasheet
265Kb / 5P
   3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8290 RICHTEK-RT8290 Datasheet
210Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6193 FEELING-FP6193 Datasheet
615Kb / 11P
   3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8250GSP RICHTEK-RT8250GSP Datasheet
207Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2307DN-00A MPS-EV2307DN-00A Datasheet
222Kb / 4P
   3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8296A RICHTEK-RT8296A Datasheet
290Kb / 14P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Unisonic Technologies
P1484 UTC-P1484 Datasheet
237Kb / 6P
   3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com