Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP085N10A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDP085N10A
Description  N-Channel PowerTrench짰 MOSFET 100V, 96A, 8.5m廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP085N10A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDP085N10A Datasheet HTML 1Page - Fairchild Semiconductor FDP085N10A Datasheet HTML 2Page - Fairchild Semiconductor FDP085N10A Datasheet HTML 3Page - Fairchild Semiconductor FDP085N10A Datasheet HTML 4Page - Fairchild Semiconductor FDP085N10A Datasheet HTML 5Page - Fairchild Semiconductor FDP085N10A Datasheet HTML 6Page - Fairchild Semiconductor FDP085N10A Datasheet HTML 7Page - Fairchild Semiconductor FDP085N10A Datasheet HTML 8Page - Fairchild Semiconductor FDP085N10A Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FDP085N10A_F102 Rev. A
www.fairchildsemi.com
4
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Eoss vs. Drain to Soure Voltage
Figure 12. Unclamped Inductive
Switching Capability
-80
-40
0
40
80
120
160
200
0.92
0.96
1.00
1.04
1.08
1.12
*Notes:
1. VGS = 0V
2. ID = 250μA
TJ, Junction Temperature [
o
C]
-80
-40
0
40
80
120
160
200
0.5
1.0
1.5
2.0
2.5
*Notes:
1. VGS = 10V
2. ID = 96A
TJ, Junction Temperature [
o
C]
25
50
75
100
125
150
175
0
20
40
60
80
100
RθJC = 0.8
o
C/W
VGS= 10V
TC, Case Temperature [
o
C]
1
10
100
200
0.1
1
10
100
1000
10μs
100μs
1ms
10ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
*Notes:
1. TC = 25
o
C
2. TJ = 175
o
C
3. Single Pulse
DC
0
20406080
100
0.0
0.5
1.0
1.5
2.0
2.5
V
DS
, Drain to Source Voltage [V]
0.01
0.1
1
10
100 300
1
10
30
If R = 0
tAV = (L)(IAS)/(1.3*RATED BVDSS-VDD)
If R = 0
tAV = (L/R)In[(IAS*R)/(1.3*RATED BVDSS-VDD)+1]
STARTING TJ = 25
o
C
STARTING TJ = 150
o
C
tAV, TIME IN AVALANCHE (ms)


Similar Part No. - FDP085N10A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDP085N10A ONSEMI-FDP085N10A Datasheet
3Mb / 10P
   N-Channel PowerTrench짰 MOSFET 100 V, 96 A, 8.5 m廓
November-2017, Rev. 3
logo
Inchange Semiconductor ...
FDP085N10A ISC-FDP085N10A Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP085N10A-F102 FAIRCHILD-FDP085N10A-F102 Datasheet
298Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100 V, 96 A, 8.5 m廓
logo
ON Semiconductor
FDP085N10A-F102 ONSEMI-FDP085N10A-F102 Datasheet
3Mb / 10P
   N-Channel PowerTrench짰 MOSFET 100 V, 96 A, 8.5 m廓
November-2017, Rev. 3
logo
Fairchild Semiconductor
FDP085N10AF102 FAIRCHILD-FDP085N10AF102 Datasheet
298Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100 V, 96 A, 8.5 m廓
More results

Similar Description - FDP085N10A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8447L FAIRCHILD-FDD8447L_08 Datasheet
518Kb / 6P
   40V N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.5m廓
FDB3652 FAIRCHILD-FDB3652_08 Datasheet
476Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 61A, 16m廓
FDP054N10 FAIRCHILD-FDP054N10_12 Datasheet
290Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 144A, 5.5m廓
FDP150N10 FAIRCHILD-FDP150N10 Datasheet
511Kb / 8P
   N-Channel PowerTrench짰 MOSFET100V, 57A, 15m廓
FDP090N10 FAIRCHILD-FDP090N10 Datasheet
508Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 75A, 9m廓
FDM3622 FAIRCHILD-FDM3622_12 Datasheet
379Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100V, 4.4A, 60m廓
FDP100N10 FAIRCHILD-FDP100N10_12 Datasheet
417Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 75A, 10m廓
FDB120N10 FAIRCHILD-FDB120N10 Datasheet
508Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 74A, 12m廓
FDB3652_F085 FAIRCHILD-FDB3652_F085 Datasheet
476Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 61A, 16m廓
FDB3672_F085 FAIRCHILD-FDB3672_F085 Datasheet
506Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 44A, 28m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com